データシートサーチシステム |
|
OP223TXV データシート(PDF) 2 Page - OPTEK Technologies |
|
OP223TXV データシート(HTML) 2 Page - OPTEK Technologies |
2 / 3 page OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.3 09/13 Page 2 of 3 Hi-Reliability GaAIAs Infrared Emitting Diode OP223, OP224 (TX, TXV) OP224 (S) Absolute Maximum Ratings (TA = 25° C unless otherwise noted) Storage Temperature Range -65o C to +150o C Operating Temperature Range -55o C to +125o C Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron](1) 260° C Reverse Voltage 2.0 V Continuous Forward Current 100 mA Power Dissipation(2) 100 mW Notes: 1. No clean or low solids. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. 2. Derate linearly 1.00 mW/° C above 25° C. Electrical Characteristics (TA = 25° C unless otherwise noted) SYMBOL PARAMETER MIN TYP MAX UNITS TEST CONDITIONS Input Diode EE (APT) Radiant Power Output OP223 (TX, TXV) OP224 (S, TX, TXV) 1.00 1.50 - - - - mW IF = 50 mA IF = 50 mA VF Forward Voltage 0.80 - 1.80 V IF = 50 mA IR Reverse Current - - 100 µA VR= 2.0 V λP Wavelength at Peak Emission - 890 - nm IF = 50 mA B Spectral Bandwidth between Half Power Points - 80 - nm IF = 50 mA ∆λP /∆T Spectral Shift with Temperature - 0.18 - nm/°C IF = Constant θHP Emission Angle at Half Power Points - 18 - Degree IF = 50 mA |
同様の部品番号 - OP223TXV |
|
同様の説明 - OP223TXV |