データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP235 データシート(PDF) 3 Page - OPTEK Technologies

部品番号 OP235
部品情報  Hermetic Infrared Emitting Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTEK [OPTEK Technologies]
ホームページ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP235 データシート(HTML) 3 Page - OPTEK Technologies

  OP235 Datasheet HTML 1Page - OPTEK Technologies OP235 Datasheet HTML 2Page - OPTEK Technologies OP235 Datasheet HTML 3Page - OPTEK Technologies OP235 Datasheet HTML 4Page - OPTEK Technologies OP235 Datasheet HTML 5Page - OPTEK Technologies OP235 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .2
01/09
Page 3 of 6
Hermetic Infrared Emitting Diode
OP230 Series
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-65o C to +150o C
Reverse Voltage
2.0 A
Continuous Forward Current
100 mA
Peak Forward Current
10.0 A
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(1)(2)
Power Dissipation
200 mW(3)
Operating Temperature Range
-65o C to +125o C
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
2. Derate linearly 2.0 mW/° C above 25° C.
3. Measurement made with 100 µs pulse measured at the trailing edge of the pulse with a duty cycle of 0.1% and an IF = 100 mA.
4. For the OP231 series, EE(APT) is a measurement of the average radiant intensity within the cone formed by the measurement surface,
a radius of 1.429” (36.30 mm) measured from the lens side of the tab to the sensing surface and a sensing surface of 0.250” (6.35
mm) in diameter forming a 10° cone. For the OP231W series, EE(APT) is a measurement of the average radiant intensity within the
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
Apertured Radiant Incidence
OP231
OP232
OP233
OP234
OP235
1.5
2.0
3.0
5.0
6.0
-
-
-
-
-
-
6.0
-
-
-
mW/cm2
OP231 Series
IF = 100 mA
(3 )(4)
Aperture = 0.250”
Distance = 1.429”
OP231W
OP232W
OP233W
OP234W
OP235W
1.5
3.5
5.0
5.0
6.0
-
-
-
-
-
-
7.0
-
-
-
mW/cm2
OP231W Series
IF = 100 mA
(3 )(4)
Aperture = 0.250”
Distance = 0.466”
PO
Radiant Power Output
OP231
OP232
OP233
-
-
-
6.0
8.0
10.0
-
-
-
mW
IF = 100 mA
(3 )(4)
VF
Forward Voltage
-
-
2.0
V
IF = 100 mA
(3)
IR
Reverse Current
-
-
100
µA
VR= 2.0 V
λP
Wavelength at Peak Emission
OP231, OP232, OP233
OP234, OP235
-
-
890
850
-
-
nm
IF = 10 mA
β
Spectral Bandwidth between Half Power
Points
-
80
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
-
+0.30
-
nm/°C IF = Constant
θHP
Emission Angle at Half Power Points
OP231 - OP235
OP231W - OP231W
-
-
18
50
-
-
Degree IF = 100 mA
tr
Output Rise Time
-
500
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
-
250
-
ns
EE(APT)


同様の部品番号 - OP235

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP235 OPTEK-OP235 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP235 TTELEC-OP235 Datasheet
640Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
OP235 TTELEC-OP235 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX Datasheet
225Kb / 2P
   Hi- Reliability GaAlAs Infrared Emitting Diodes
OP235TX OPTEK-OP235TX Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results

同様の説明 - OP235

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com