データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54-367-006 データシート(PDF) 8 Page - Spectrum Microwave, Inc.

部品番号 54-367-006
部品情報  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPECTRUM [Spectrum Microwave, Inc.]
ホームページ  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

54-367-006 データシート(HTML) 8 Page - Spectrum Microwave, Inc.

Back Button 54-367-006 Datasheet HTML 4Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 5Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 6Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 7Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 8Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 9Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 10Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 11Page - Spectrum Microwave, Inc. 54-367-006 Datasheet HTML 12Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
85°C
125°C
Rated Voltage
DC
AC
24
15
21
28
6
9
9
8
66
54
45
35
35
18
32
70
51
39
41
28
16
24
24
20
50
40
18
14
70
70
62
55
55
60
40
70
69
68
60
59
41
28
29
29
40
20
12
66
56
33
20
70
70
70
70
70
70
35
70
70
70
70
70
70
65
40
40
70
55
50
70
70
63
30
70
70
70
70
70
70
68
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
SCI-2030-010
SCI-2030-004
SCI-2030-005
SCI-2030-006
SCI-2030-013
¦ 9001-100-1080
¦ 9001-100-1081
SCI-2130-009
51-311-319
¦ 9001-100-1010
51-311-320
¦ 9001-100-1013
51-311-321
¦ 51-311-322
SCI-2130-007
SCI-2130-014
51-311-316
51-311-317
¦ 9001-100-1025
SCI-2330-009
SCI-2330-010
SCI-2330-012
SCI-2330-007
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
2
2
2
2
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0.50
1.00
2.00
3.00
3.00
5.00
10.0
0.25
0.50
0.50
1.00
1.00
3.00
5.00
10.0
10.0
1.00
3.00
5.00
0.25
0.50
2.00
10.0
1.500
1.500
1.500
1.500
1.500
2.800
2.800
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
1.000
0.300
0.300
0.300
0.300
0.300
0.300
0.300
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
70
70
70
70
80
80
80
80
80
80
80
150
150
150
150
150
150
150
150
150
250
250
250
300
300
300
300
50
50
50
50
50
50
50
100
100
100
100
100
100
100
100
100
200
200
200
300
300
300
300
125
125
125
125
125
125
125
125
125
125
125
125
125
125
DC
AC
MIL
No
Max
L
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
0.758
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
(19.253)
In
(mm)
DCR
Max
Ohms
1.000
0.250
0.063
0.027
0.027
0.015
0.005
4.000
0.600
0.600
0.250
0.250
0.060
0.015
0.003
0.005
0.250
0.050
0.015
4.000
1.000
0.063
0.003
Thd
Lgth
B
A
A
A
B
A
A
B
A
A
A
A
A
A
A
B
A
A
A
B
B
B
A
¦ Also available through Spectrum Control’s authorized distributors.
.200
(5.08)
.160
(4.064)
Max.
A/B
.115 Ref.
(2.921)
L
ø .385 Max.
(9.779)
1/4–28 Unf–2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
Figure 1
.200
(5.08)
Max.
.150
(3.81)
Max.
A/B
L
ø .385 Max.
(9.779)
.062
(1.52) ø Hole
Both ends
1/4–28 Unf–2A Thd.
.115 Ref.
(2.92)
Figure 2
.375 ø Pi Circuit
.375 ø Pi Circuit Standard Product
Dimensions in inches
(mm)
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
93
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 29


同様の部品番号 - 54-367-006

メーカー部品番号データシート部品情報
logo
API Technologies Corp
54-367-006 APITECH-54-367-006 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

同様の説明 - 54-367-006

メーカー部品番号データシート部品情報
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com