データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA22 データシート(PDF) 3 Page - Dc Components

部品番号 SA22
部品情報  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCCOM [Dc Components]
ホームページ  http://www.dccomponents.com
Logo DCCOM - Dc Components

SA22 データシート(HTML) 3 Page - Dc Components

  SA22 Datasheet HTML 1Page - Dc Components SA22 Datasheet HTML 2Page - Dc Components SA22 Datasheet HTML 3Page - Dc Components SA22 Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
DC COMPONENTS CO., LTD.
SA (500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
SA5.0
6.40
7.30
10
5.0
600
52.0
9.6
SA5.0A
6.40
7.00
10
5.0
600
54.3
9.2
SA6.0
6.67
8.15
10
6.0
600
43.9
11.4
SA6.0A
6.67
7.37
10
6.0
600
48.5
10.3
SA6.5
7.22
8.82
10
6.5
400
40.7
12.3
SA6.5A
7.22
7.98
10
6.5
400
44.7
1 1.2
SA7.0
7.78
9.51
10
7.0
150
37.8
13.3
SA7.0A
7.78
8.60
10
7.0
150
41.7
12.0
SA7.5
8.33
10.2
1.0
7.5
50
35.0
14.3
SA7.5A
8.33
9.21
1.0
7.5
50
38.8
12.9
SA8.0
8.89
10.9
1.0
8.0
25
33.3
15.0
SA8.0A
8.89
9.83
1.0
8.0
25
36.7
13.6
SA8.5
9.44
1 1.5
1.0
8.5
10
31.4
15.9
SA8.5A
9.44
10.4
1.0
8.5
10
34.7
14.4
SA9.0
10.0
12.2
1.0
9.0
5.0
29.5
16.9
SA9.0A
10.0
1 1.1
1.0
9.0
5.0
32.5
15.4
SA10
1 1.1
13.6
1.0
10.0
3.0
26.6
18.8
SA10A
1 1.1
12.3
1.0
10.0
3.0
29.4
17.0
SA1 1
12.2
14.9
1.0
1 1.0
3.0
24.9
20.1
SA1 1A
12.2
13.5
1.0
1 1.0
3.0
27.4
18.2
SA12
13.3
16.3
1.0
12.0
3.0
22.7
22.0
SA12A
13.3
14.7
1.0
12.0
3.0
25.1
19.9
SA13
14.4
17.6
1.0
13.0
3.0
21.0
23.8
SA13A
14.4
15.9
1.0
13.0
3.0
23.2
21.5
SA14
15.6
19.1
1.0
14.0
3.0
19.4
25.8
SA14A
15.6
17.2
1 1.0
14.0
3.0
21.5
23.2
SA15
16.7
20.4
1.0
15.0
3.0
18.8
26.9
SA15A
16.7
18.5
1.0
15.0
3.0
20.6
24.4
SA16
17.8
21.8
1.0
16.0
3.0
17.6
28.8
SA16A
17.8
19.7
1.0
16.0
3.0
19.2
26.0
SA17
18.9
23.1
1.0
17.0
3.0
16.4
30.5
SA17A
18.9
20.9
1.0
17.0
3.0
18.1
27.6
SA18
20.0
24.4
1.0
18.0
3.0
15.5
32.2
SA18A
20.0
22.1
1.0
18.0
3.0
17.2
29.2
SA20
22.2
27.1
1.0
20.0
3.0
13.9
35.8
SA20A
22.2
24.5
1.0
20.0
3.0
15.4
32.4
SA22
24.4
29.8
1.0
22.0
3.0
12.7
39.4
SA22A
24.4
26.9
1.0
22.0
3.0
14.1
35.5
SA24
26.7
32.6
1.0
24.0
3.0
1 1.6
43.0
SA24A
26.7
29.5
1.0
24.0
3.0
12.8
38.9
SA26
28.9
35.3
1.0
26.0
3.0
10.7
46.6
SA26A
28.9
31.9
1.0
26.0
3.0
1 1.9
42.1
SA28
31.1
38.0
1.0
28.0
3.0
9.9
50.1
SA28A
31.1
34.4
1.0
28.0
3.0
1 1.0
45.4
SA30
33.3
40.7
1.0
30.0
3.0
9.3
53.5
SA30A
33.3
36.8
1.0
30.0
3.0
10.3
48.4
SA33
36.7
44.9
1.0
33.0
3.0
8.6
59.0
SA33A
36.7
4.06
1.0
33.0
3.0
9.4
53.5
170
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


同様の部品番号 - SA22

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SA22 PANJIT-SA22 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shanghai Semitech Semic...
SA22 SEMITECH-SA22 Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
DAESAN ELECTRONIC CORP.
SA22 DAESAN-SA22 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Taiwan Semiconductor Co...
SA22 TSC-SA22 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA22 WTE-SA22 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

同様の説明 - SA22

メーカー部品番号データシート部品情報
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com