データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

QC-152 データシート(PDF) 1 Page - Oscilent Corporation

部品番号. QC-152
部品情報  Weld Type Quartz
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  OSCILENT [Oscilent Corporation]
ホームページ  http://www.oscilent.com
Logo 

QC-152 Datasheet(HTML) 1 Page - Oscilent Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.
.
.
.
Quartz Crystals
Series Number
Package
Description
Last Modified
152
HC-25US
Weld Type Quartz
July. 01 2005
Quartz Crystal FEATURES
- Industry standard package
- Wide frequency range
- Low profile
- Excellent reliability/aging
- "AT Strip" blank technology
- Cost effective
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Frequency Range
fO
3.200 ~ 85.00
MHz
Frequency Tolerance
Ref @ +25°C
±10 ~ ±50
PPM
Temperature Tolerance
TL
±20 ~ ±100
PPM
Operating Temperature
TOPR
-10 ~ +60
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL
16, 20, 30, Series
pF
Drive Level
DL
0.01 ~ 1000.0
µW
Aging (First Year)
@ +25°C
±5.0
PPM/Y
Insulation Resistance
IR
500 (DC100 ±10V) min.
Mohm
MODE OF OSCILLATION AND EQUIVALENT SERIES RESISTANCE
FREQUENCY RANGE (MHz)
MODE
ohm max.
3.200 ~ 3.500
Fundamental
200
3.510 ~ 4.090
Fundamental
150
4.100 ~ 4.790
Fundamental
120
4.800 ~ 5.790
Fundamental
100
5.800 ~ 7.990
Fundamental
90
8.000 ~ 11.990
Fundamental
70
FREQUENCY RANGE (MHz)
MODE
ohm max.
12.000 ~ 14.000
Fundamental
50
14.100 ~ 17.000
Fundamental
40
17.100 ~ 27.000
Fundamental
30
27.100 ~ 48.000
3rd Overtone
80
48.100 ~ 85.000
3rd Overtone
60
-
-
-
Page 1 of 4
Oscilent Corporation | 152


Html ページ

1  2  3  4 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn