データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317J3 データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 LM317J3
部品情報  Three Terminal 1.5A Adjustable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317J3 データシート(HTML) 3 Page - Cystech Electonics Corp.

  LM317J3 Datasheet HTML 1Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 2Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317J3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C513J3
Issued Date : 2007.12.19
Revised Date : 2010.07.22
Page No. : 3/12
LM317J3
CYStek Product Specification
Ordering Information
Device
Package
Shipping
Marking
LM317J3
TO-252
(Pb-free)
2500 pcs / Tape & Reel
LM317
Characteristic Curves
Reference Voltage vs Temperature
1.235
1.24
1.245
1.25
1.255
1.26
-50
-25
0
25
50
75
100
125
Temperature(℃)
Adjustment Current vs Temperature
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
Temperature(℃)
Dropout Voltage vs Input-Output Voltage Difference
1
1.5
2
2.5
3
0
25
50
75
100
125
Temperature(℃)
Vo=100mA
IL=1.5A
IL=1A
IL=500mA
IL=200mA
IL=20mA


同様の部品番号 - LM317J3

メーカー部品番号データシート部品情報
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
More results

同様の説明 - LM317J3

メーカー部品番号データシート部品情報
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317 Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Cystech Electonics Corp...
LM317F3 CYSTEKEC-LM317F3 Datasheet
300Kb / 11P
   Three Terminal Adjustable Output
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com