データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324QD データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 LM324QD
部品情報  Quadruple Operational Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM324QD データシート(HTML) 2 Page - Cystech Electonics Corp.

  LM324QD Datasheet HTML 1Page - Cystech Electonics Corp. LM324QD Datasheet HTML 2Page - Cystech Electonics Corp. LM324QD Datasheet HTML 3Page - Cystech Electonics Corp. LM324QD Datasheet HTML 4Page - Cystech Electonics Corp. LM324QD Datasheet HTML 5Page - Cystech Electonics Corp. LM324QD Datasheet HTML 6Page - Cystech Electonics Corp. LM324QD Datasheet HTML 7Page - Cystech Electonics Corp. LM324QD Datasheet HTML 8Page - Cystech Electonics Corp. LM324QD Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C564QD
Issued Date : 2012.12.11
Revised Date :
Page No. : 2/10
LM324QD
CYStek Product Specification
Pin Configurations
Absolute Maximum Rating(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Supply Voltages
Single Supply
Split Supplies
VCC
VCC, VEE
32
±
16
V
Input Differential Voltage Range
VIDR
±
32
V
Input Common Mode Voltage Range
VICR
-0.3 ~ +32
V
Operating Temperature
Topr
0 ~ +70
Storage Temperature
Tstg
-65 ~ +150
Electrical Characteristics (VCC=5V,Ta=25
°C, VEE=GND, unless otherwise specified.)
Parameter
Test Condition
Symbol
Min.
Typ. Max. Unit
25°C
3
7
Input Offset Voltage
VCC=5 to 30V
VIC=VICR min, VO=1.4V 0~70°C
VIO
-
-
9
mV
Average temperature coefficient of
input offset voltage
0~70°C
α
VIO
-
7
-
μV/°C
25°C
2
50
Input Offset Current
VO=1.4V
0~70°C
IIO
-
-
150
nA
Average temperature coefficient of
input offset current
0~70°C
α
IIO
-
10
-
pA/°C
25°C
-20
-250
Input Bias Current
VO=1.4V
0~70°C
IIB
-
-
-500
nA
25°C
0 to VCC-1.5
-
Input Common-Mode Voltage
VCC=5V to 30V
0~70°C
VICR
0 to VCC-2
-
V


同様の部品番号 - LM324QD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM324QT STMICROELECTRONICS-LM324QT Datasheet
1Mb / 22P
   Low-power quad operational amplifiers
Rev 8 - September 2019
More results

同様の説明 - LM324QD

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2901-Q1 TI1-LM2901-Q1 Datasheet
229Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL COMPARATOR
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Cystech Electonics Corp...
LM358Q8 CYSTEKEC-LM358Q8 Datasheet
403Kb / 6P
   Dual Operational Comparator
LM358P8 CYSTEKEC-LM358P8 Datasheet
529Kb / 7P
   Dual Operational Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com