データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA160A データシート(PDF) 4 Page - Dc Components

部品番号 SA160A
部品情報  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCCOM [Dc Components]
ホームページ  http://www.dccomponents.com
Logo DCCOM - Dc Components

SA160A データシート(HTML) 4 Page - Dc Components

  SA160A Datasheet HTML 1Page - Dc Components SA160A Datasheet HTML 2Page - Dc Components SA160A Datasheet HTML 3Page - Dc Components SA160A Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R
DC COMPONENTS CO., LTD.
SA (500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
1.VBR measured after IT applied for 300µs. IT = Square Wave Pulse or equivalent.
2.For bidirectonal use C or CA suffixs for all types (ex. SA5.0C, SA170CA).
electrical characteristics apply in both directions.
3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
NOTES :
SA36
40.0
48.9
1.0
36.0
3.0
7.8
64.3
SA36A
40.0
44.2
1.0
36.0
3.0
8.6
58.1
SA40
44.4
54.3
1.0
40.0
3.0
7.0
71.4
SA40A
44.4
49.1
1.0
40.0
3.0
7.8
64.5
SA43
47.8
58.4
1.0
43.0
3.0
6.5
76.7
SA43A
47.8
52.8
1.0
43.0
3.0
7.2
69.4
SA45
50.0
61.1
1.0
45.0
3.0
6.2
80.3
SA45A
50.0
55.3
1.0
45.0
3.0
6.9
72.7
SA48
53.3
65.2
1.0
48.0
3.0
5.8
85.5
SA48A
53.3
58.9
1.0
48.0
3.0
6.5
77.4
SA51
56.7
69.3
1.0
51.0
3.0
5.5
91.1
SA51A
56.7
62.7
1.0
51.0
3.0
6.1
82.4
SA54
60.0
73.3
1.0
54.0
3.0
5.2
96.3
SA54A
60.0
66.3
1.0
54.0
3.0
5.7
87.1
SA58
64.4
78.7
1.0
58.0
3.0
4.9
103
SA58A
64.4
71.2
1.0
58.0
3.0
5.3
93.6
SA60
66.7
81.5
1.0
60.0
3.0
4.7
107
SA60A
66.7
73.7
1.0
60.6
3.0
5.2
96.8
SA64
71.1
86.9
1.0
64.0
3.0
4.4
1 14
SA64A
71.1
78.6
1.0
64.0
3.0
4.9
103
SA70
77.8
95.1
1.0
70.0
3.0
4.0
125
SA70A
77.8
86.0
1.0
70.0
3.0
4.4
113
SA75
83.3
102
1.0
75.0
3.0
3.7
134
SA75A
83.3
92.1
1.0
75.0
3.0
4.1
121
SA78
86.7
106
1.0
78.0
3.0
3.6
139
SA78A
86.7
95.8
1.0
78.0
3.0
4.0
126
SA85
94.4
1 15
1.0
85.0
3.0
3.3
151
SA85A
94.4
104
1.0
85.0
3.0
3.6
137
SA90
100
122
1.0
90.0
3.0
3.1
160
SA90A
100
1 1 1
1.0
90.0
3.0
3.4
146
SA100
1 1 1
136
1.0
100
3.0
2.8
179
SA100A
1 1 1
123
1.0
100
3.0
3.1
162
SA1 10
122
149
1.0
1 10
3.0
2.6
196
SA1 10A
122
135
1.0
1 10
3.0
2.8
177
SA120
133
163
1.0
120
3.0
2.3
214
SA120A
133
147
1.0
120
3.0
2.0
193
SA130
144
176
1.0
130
3.0
2.2
230
SA130A
144
159
1.0
130
3.0
2.4
209
SA150
167
204
1.0
150
3.0
1.9
268
SA150A
167
185
1.0
150
3.0
2.1
243
SA160
178
218
1.0
160
3.0
1.7
257
SA160A
178
197
1.0
160
3.0
1.9
259
SA170
189
231
1.0
170
3.0
1.6
304
SA170A
189
209
1.0
170
3.0
1.8
275
171
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


同様の部品番号 - SA160A

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SA160A LUGUANG-SA160A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Motorola, Inc
SA160A MOTOROLA-SA160A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA160A PANJIT-SA160A Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
Taiwan Semiconductor Co...
SA160A TSC-SA160A Datasheet
105Kb / 5P
   Transient Voltage Suppressor Diodes
logo
StarHope
SA160A SPSEMI-SA160A Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
More results

同様の説明 - SA160A

メーカー部品番号データシート部品情報
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com