データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA1850-0000-000N00V435F データシート(PDF) 8 Page - Cree, Inc

部品番号 CXA1850-0000-000N00V435F
部品情報  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1850-0000-000N00V435F データシート(HTML) 8 Page - Cree, Inc

Back Button CXA1850-0000-000N00V435F Datasheet HTML 4Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 5Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 6Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 7Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 8Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 9Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 10Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 11Page - Cree, Inc CXA1850-0000-000N00V435F Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
8
XLamp CXa1850 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 1400 ma, tJ = 85 °c)
XLampCXA1850LEDsaretestedforluminousfluxandplacedintooneofthefollowingbins.
group code
min. luminous flux
@ 1400 ma
max. luminous flux
@ 1400 ma
T2
3200
3440
T4
3440
3680
U2
3680
3955
U4
3955
4230
v2
4230
4545
v4
4545
4860
W2
4860
5225
W4
5225
5590
X2
5590
6010
X4
6010
6430
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


同様の部品番号 - CXA1850-0000-000N00V435F

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA1851 SONY-CXA1851 Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
More results

同様の説明 - CXA1850-0000-000N00V435F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com