データシートサーチシステム |
|
LFA100F-3R3-Y データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
LFA100F-3R3-Y データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 18 page LFA-8 LFA50F AC-DC Power Supplies Open Frame/ Enclosed type LF A 50 F - □ - □ Ordering information 1 2 3 4 5 6 1Series name 2Single output 3Output wattage 4Universal input 5Output voltage 6Optional C : with Coating G : Low leakage current J1: VH(J.S.T.)connector type S : with Chassis SN: with Chassis & cover Y: with Potentiometer Specification is changed at option, refer to Instruction Manual. This power supply is manufactured by SMD technology. The stress to P.C.B like twisting or bending causes the defect of the unit, so handle the unit with care. MODEL LFA50F-3R3-Y LFA50F-5 LFA50F-12 LFA50F-15 LFA50F-24 LFA50F-36 LFA50F-48 MAX OUTPUT WATTAGE[W] 33 50 51.6 52.5 50.4 50.4 52.8 DC OUTPUT 3.3V 10A 5V 10A 12V 4.3A 15V 3.5A 24V 2.1A 36V 1.4A 48V 1.1A SPECIFICATIONS MODEL LFA50F-3R3-Y LFA50F-5 LFA50F-12 LFA50F-15 LFA50F-24 LFA50F-36 LFA50F-48 INPUT VOLTAGE[V] AC85 - 264 1 f (Refer to Instruction Manual 1.1 and 3.2) *3 CURRENT[A] ACIN 100V 0.47typ (Io=100%) 0.67typ (Io=100%) ACIN 200V 0.27typ (Io=100%) 0.36typ (Io=100%) FREQUENCY[Hz] 50 / 60 (47 - 63) EFFICIENCY[%] ACIN 100V 73.5typ 77.5typ 80.0typ 80.5typ 81.5typ 82.0typ 81.0typ ACIN 200V 74.0typ 79.0typ 81.5typ 81.5typ 83.0typ 83.5typ 82.5typ POWER FACTOR (Io=100%) ACIN 100V 0.96typ 0.97typ ACIN 200V 0.83typ 0.90typ INRUSH CURRENT[A] ACIN 100V 15typ (Io=100%) (At cold start) (Ta=25C) ACIN 200V 30typ (Io=100%) (At cold start) (Ta=25C) LEAKAGE CURRENT[mA] 0.40 / 0.75max (ACIN 100V / 240V 60Hz, Io=100%, According to IEC60950-1 and DEN-AN) OUTPUT VOLTAGE[V] 3.3 5 12 15 24 36 48 CURRENT[A] 10.0 10.0 4.3 3.5 2.1 1.4 1.1 LINE REGULATION[mV] *4 20max 20max 48max 60max 96max 144max 192max LOAD REGULATION[mV] *4 40max 40max 100max 120max 150max 240max 240max RIPPLE[mVp-p] 0 to +50C*1 80max 80max 120max 120max 120max 150max 150max -10 - 0C *1 140max 140max 160max 160max 160max 200max 200max RIPPLE NOISE[mVp-p] 0 to +50C*1 120max 120max 150max 150max 150max 250max 250max -10 - 0C *1 160max 160max 180max 180max 180max 300max 300max TEMPERATURE REGULATION[mV] 0 to +50C 50max 50max 120max 150max 240max 360max 480max -10 to +50C 60max 60max 150max 180max 290max 450max 600max DRIFT[mV] *2 20max 20max 48max 60max 96max 144max 192max START-UP TIME[ms] 350typ (ACIN 100V, Io=100%) HOLD-UP TIME[ms] 20typ (ACIN 100V, Io=100%) OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 to 3.63 Fixed ( Y option is available for adjusting output voltage between ±10%) OUTPUT VOLTAGE SETTING[V] 3.30 to 3.40 4.90 to 5.30 11.50 to 12.50 14.40 to 15.60 23.00 to 25.00 34.50 to 37.50 46.00 to 50.00 PROTECTION CIRCUIT AND OTHERS OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically OVERVOLTAGE PROTECTION 4.00 to 5.25 5.75 to 7.00 13.80 to 16.80 17.25 to 21.00 27.60 to 33.60 41.40 to 50.40 55.20 to 67.20 OPERATING INDICATION Not provided REMOTE SENSING Not provided REMOTE ON/OFF Not provided ISOLATION INPUT-OUTPUT AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) INPUT-FG AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) OUTPUT-FG AC500V 1minute, Cutoff current = 25mA, DC500V 50M W min (At Room Temperature) ENVIRONMENT OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +70 C, 20 - 90%RH (Non condensing) (Refer to Instruction Manual 3.2), 3,000m (10,000feet) max *3 STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75 C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max VIBRATION 10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis IMPACT 196.1m/s2 (20G), 11ms, once each X, Y and Z axis SAFETY AND NOISE REGULATIONS AGENCY APPROVALS UL60950-1, C-UL (CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN CONDUCTED NOISE Complies with FCC-B, VCCI-B, CISPR-B, EN55011-B, EN55022-B CE MARKING Low Voltage Directive, EMC Directive HARMONIC ATTENUATOR Complies with IEC61000-3-2 (Class A) *5 OTHERS CASE SIZE/WEIGHT 50 X26.5X132mm [1.97X1.04X5.20 inches] (WXHXD) / 165g max (without chassis and cover) COOLING METHOD Convection (Refer to Instruction Manual 3.1 and 3.2) *3 *1 This is the value that measured on measuring board with capacitor of 22 mF at 150mm from output terminal. Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM103). *2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25 C, with the input voltage held constant at the rated input/output. *3 Derating is required. *4 Please contact us about dynamic load and input response. *5 Please contact us about another class. * To meet the specifications. Do not operate over-loaded condition. * Parallel operation is not possible. * Derating is required when operated with chassis and cover. * Sound noise may be generated by power supply in case of pulse load. Recommended EMI/EMC Filter NAC-04-472 High voltage pulse noise type : NAP series Low leakage current type : NAM series *The EMI/EMC Filter is recommended to connect with several devices. LFA |
同様の部品番号 - LFA100F-3R3-Y |
|
同様の説明 - LFA100F-3R3-Y |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |