データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7005-B-FM1 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI7005-B-FM1
部品情報  DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7005-B-FM1 データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI7005-B-FM1 Datasheet HTML 2Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 3Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 4Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 5Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 6Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 7Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 8Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 9Page - Silicon Laboratories SI7005-B-FM1 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Si7005
6
Rev. 1.2
Figure 1. I2C Interface Timing Diagram
Table 3. I2C Interface Specifications*
2.1
 V
DD  3.6 V; TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus low-to-
high transition
0.05 x VDD
——
V
SCLK Frequency
fSCL
400
kHz
SCL high time
tSKH
0.6
µs
SCL low time
tSKL
1.3
µs
Start hold time
tSTH
0.6
µs
Start setup time
tSTS
0.6
µs
Stop setup time
tSPS
0.6
µs
Bus free time
tBUF
Between Stop and Start
1.3
µs
SDA setup time
tDS
100
ns
SDA hold time
tDH
100
ns
SDA valid time
tVD;DAT
From SCL low to data valid
0.9
µs
SDA acknowledge valid time
tVD;ACK
From SCL low to data valid
0.9
µs
*Note: All values are referenced to VIL and/or VIH.
SCL
D7
1/fSCL
tSKH
SDA
tSKL
tSTH
D6
D5
D0
R/W
ACK
tDS
tDH
Start Bit
Stop Bit
tBUF
tSTS
tVD : ACK
tSPS


同様の部品番号 - SI7005-B-FM1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si7005-B-FM1 SILABS-Si7005-B-FM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

同様の説明 - SI7005-B-FM1

メーカー部品番号データシート部品情報
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com