データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM3481 データシート(PDF) 3 Page - Analog Devices

部品番号 ADUM3481
部品情報  Small, 3.75 kV RMS Quad Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM3481 データシート(HTML) 3 Page - Analog Devices

  ADUM3481 Datasheet HTML 1Page - Analog Devices ADUM3481 Datasheet HTML 2Page - Analog Devices ADUM3481 Datasheet HTML 3Page - Analog Devices ADUM3481 Datasheet HTML 4Page - Analog Devices ADUM3481 Datasheet HTML 5Page - Analog Devices ADUM3481 Datasheet HTML 6Page - Analog Devices ADUM3481 Datasheet HTML 7Page - Analog Devices ADUM3481 Datasheet HTML 8Page - Analog Devices ADUM3481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADuM3480/ADuM3481/ADuM3482
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDDL1 = VDD1 = VDDL2 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire
recommended operation range: 4.5 V ≤ VDDL1, VDD1 ≤ 5.5 V, 4.5 V ≤ VDDL2, VDD2 ≤ 5.5 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Switching specifications are tested with CL = 15 pF, and CMOS signal levels, unless otherwise noted.
Table 1.
Parameter
Symbol
A Grade
B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Pulse Width
PW
1000
40
ns
Within PWD limit
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
65
90
25
33
ns
50% input to 50% output
Pulse Width Distortion
PWD
6
3
ns
|tPLH − tPHL|
Change vs. Temperature
7
3
ps/°C
Propagation Delay Skew
tPSK
50
17
ns
Between any two units
Channel Matching
Codirectional
tPSKCD
19
5
ns
Opposing Direction
tPSKOD
25
7
ns
Jitter
2
2
ns
Table 2.
Parameter
Symbol
1 Mbps—A, B Grades
25 Mbps—B Grade
Unit
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM3480
IDD1
2.0
2.9
8.6
12
mA
IDDL1
0.11
0.4
0.2
0.6
mA
IDD2
5.1
6.9
6.0
7.5
mA
IDDL2
0.2
0.7
2.1
4.8
mA
CL = 0 pF
ADuM3481
IDD1
2.8
3.0
7.9
10
mA
IDDL1
0.14
0.5
0.7
1.4
mA
CL = 0 pF
IDD2
4.3
5.7
6.7
7.8
mA
IDDL2
0.18
0.6
1.6
3.2
mA
CL = 0 pF
ADuM3482
IDD1
3.5
4.1
7.3
8.8
mA
IDDL1
0.16
0.5
1.2
2.4
mA
CL = 0 pF
IDD2
3.5
4.7
7.3
8.8
mA
IDDL2
0.16
0.65
1.2
2.4
mA
CL = 0 pF


同様の部品番号 - ADUM3481

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3481 AD-ADUM3481 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481ARSZ AD-ADUM3481ARSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481ARSZ-RL7 AD-ADUM3481ARSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481BRSZ AD-ADUM3481BRSZ Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3481BRSZ-RL7 AD-ADUM3481BRSZ-RL7 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
More results

同様の説明 - ADUM3481

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com