データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC856BW-7 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 BC856BW-7
部品情報  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856BW-7 データシート(HTML) 1 Page - Diodes Incorporated

  BC856BW-7 Datasheet HTML 1Page - Diodes Incorporated BC856BW-7 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30251 Rev. A-2
1 of 2
BC856AW - BC858CW
BC856AW - BC858CW
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on ourwebsite at http://www.diodes.com/datasheets/ap02001.pdf.
2. Current gain subgroup “C” is not available for BC856W.
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
BC856
BC857
BC858
VCBO
-80
-50
-30
V
Collector-Emitter Voltage
BC856
BC857
BC858
VCEO
-65
-45
-30
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Marking Code (Note 2)
Type
Marking
Type
Marking
BC856AW
K3A
BC857CW
K3G
BC856BW
K3B
BC858AW
K3J, K3A, K3V
BC857AW
K3V, K3A
BC858BW
K3K, K3B, K3W
BC857BW
K3W, K3B
BC858CW
K3L, K3G
Maximum Ratings @ TA = 25°C unless otherwise specified
Features
·
Ideally Suited for Automatic Insertion
·
Complementary NPN Types Available
(BC846W-BC848W)
·
For Switching and AF Amplifier Applications
·
Case: SOT-323, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202, Method
208
·
Pin Connections: See Diagram
·
Marking Code: See Table Below & Diagram
on Page 2
·
Ordering & Date Code Information: See Page 2
·
Approx. Weight: 0.006 grams
Mechanical Data
A
M
J
L
F
D
B C
H
K
G
B
E
C
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0
°
8
°
All Dimensions in mm


同様の部品番号 - BC856BW-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BC856BW-7-F DIODES-BC856BW-7-F Datasheet
367Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. 7 - 2
More results

同様の説明 - BC856BW-7

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
MMBT4126 DIODES-MMBT4126_15 Datasheet
118Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST3906 DIODES-MMST3906_15 Datasheet
134Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBT2907AT BILIN-MMBT2907AT Datasheet
161Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com