データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DZ-2R5D206 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 DZ-2R5D206
部品情報  High Energy type Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

DZ-2R5D206 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  DZ-2R5D206 Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ-2R5D206 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
146
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CAT.No.2004/2005E(2004.10.1)
ELECTRIC DOUBLE LAYER CAPACITORS “DYNACAP”
DZ
Marking color : White print on a black sleeve
Series DZ
High Energy type Capacitors
• Low internal resistance allows boosting charge and heavy-current discharge.
(ampere level)
• Pollution-Free ; with no pollutants such as Cd or Pb.
• Unlimited number of charges
and discharges.
DZ
Outline Drawing
Standard Ratings
Unit: mm
L
+2max.
Vinyl sleeve
Plate
Vent
1.5
±0.1
6.3
±1
Lug terminal details
0.9
±0.1 Thickness:0.8t
Position of PC board holes
(–)Negative terminal
indicated by cross notching
2.1
2– 2
Markings
L
+α max.
ø D
F
ø d
α
8
3.5
0.6
12.5
5.0
2.0
18
7.5
0.8
15min.
5
min.
Vinyl sleeve
d
±0.05
copper clad steel wire(tinned)
Vent
8 to
18
25, 35
Specifications
Item
Performance
Category temperature range (˚C)
Tolerance at rated capacitance (%)
Internal resistance
at 1 kHz
Characteristics at high
and low temperature
Endurance (70˚C)
Shelf life (70˚C)
Test time :1000 hours ; Same as endurance.
−25 to +70
−20 to +80
Rated Capacitance (F)
1.0
3.3
4.7
10
20
50
100
200
1.0
0.3
0.2
0.2
0.2
0.08
0.08
0.08
Internal resistance (
Ω)
Percentage of capacitance change
Internal resistance
Within
±30% of value at 20˚C
Less than five times of the value at 20˚C
Test time
Percentage of capacitance change
Internal resistance
1000 hours
Within
±30% of the initial measured value
Within four times of the initial specified value
Max. operating voltage(V)
Rated capacitance(F)
ø DxL(mm)
ELNA Parts No.
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
DZ-2R5D105
DZ-2R5D335
DZ-2R5D475
DZ-2R5D106
DZ-2R5D206
DZ-2R5D506
DZ-2R5D107
DZ-2R5D207S57
8.0x22.0
12.5x23.0
12.5x31.5
18.0x35.0
18.0x40.0
25.0x40.0
35.0x50.0
35.0x50.0
1.0
3.3
4.7
10
20
50
100
200
Internal resistance(m
Ω)
at 1kHz (measurement value)
200
70
50
30
30
20
20
20
Max. Leakage Current(mA) after 24h
0.1
0.2
0.3
0.5
0.8
1.0
1.0
2.0
DC
High capacitance
∗ Internal resistance are not guaranteed values, but measurement value.
∗ We tailor packaged product in series and parallel arrangements according to voltage and capacitance as required.
Part numbering system (example: 2.5V10F)
Environmental
item
Former item
DZ
T
D
Series code
2R5
106
Rated voltage
symbol
Rated capacitance
symbol
DZ
D
Series code
2R5
106
Rated voltage
symbol
Rated capacitance
symbol


同様の部品番号 - DZ-2R5D206

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DZ-2R5D206K8T ETC2-DZ-2R5D206K8T Datasheet
182Kb / 2P
   Standard, large capacitance type Capacitors
DZ-2R5D206T ETC2-DZ-2R5D206T Datasheet
182Kb / 2P
   Standard, large capacitance type Capacitors
More results

同様の説明 - DZ-2R5D206

メーカー部品番号データシート部品情報
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
   Energy Management Energy Transducer Type ET340
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
   Energy Management Energy Analyzer Type EM111
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
   Energy Management Energy Analyzer Type EM210 MID
logo
List of Unclassifed Man...
EM24DIN ETC2-EM24DIN Datasheet
731Kb / 15P
   Energy Management Energy Analyzer Type EM24 DIN
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
   Energy Management Energy Analyzer Type EM26 96
logo
Vishay Siliconix
HE3 VISHAY-HE3 Datasheet
115Kb / 6P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
EP1 VISHAY-EP1 Datasheet
280Kb / 8P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
HE5 VISHAY-HE5 Datasheet
108Kb / 5P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com