データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-K150-CD000 データシート(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-K150-CD000
部品情報  Minimum luminous intensity specified at 1 mA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-K150-CD000 データシート(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-K150-CD000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-K150-CD000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pcs/bag
01
Tape & Reel, crimped leads, minimum increment 1300 pcs for T-13/4, 1800 pcs for T-1
02
Tape & Reel, straight leads, minimum increment 1300 pcs for T-13/4, 1800 pcs for T-1
A1
T-1, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
A2
T-1, Right Angle Housing, even leads, minimum increment 500 pcs/bag
B1
T-13/4, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
B2
T-13/4, Right Angle Housing, even leads, minimum increment 500 pcs/bag
DD
Ammo Pack, straight leads with minimum 2K increment
DH
Ammo Pack, straight leads with minimum 2K increment
Note:
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Avago
representative for further clarification/information.


同様の部品番号 - HLMP-K150-CD000

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-K150-10000 HP-HLMP-K150-10000 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K150-10001 HP-HLMP-K150-10001 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K150-10002 HP-HLMP-K150-10002 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K150-100A1 HP-HLMP-K150-100A1 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K150-100A2 HP-HLMP-K150-100A2 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results

同様の説明 - HLMP-K150-CD000

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Vishay Siliconix
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
TLUR2400 VISHAY-TLUR2400 Datasheet
763Kb / 5P
   Luminous intensity categorized
Rev. 1.5, 22-Apr-13
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
   Luminous intensity categorized
Rev. 1.2, 14-Oct-14
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com