データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB03N03H8 データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 MTB03N03H8
部品情報  MTB03N03H8 CYStek Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB03N03H8 データシート(HTML) 2 Page - Cystech Electonics Corp.

  MTB03N03H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB03N03H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB03N03H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB03N03H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB03N03H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB03N03H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB03N03H8 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C788H8
Issued Date : 2010.09.23
Revised Date : 2010.10.06
Page No. : 2/7
MTB03N03H8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TC=25
°C
75
Continuous Drain Current @ TC=100
°C
ID
45
Pulsed Drain Current
IDM
160 *1
Avalanche Current
IAS
53
A
Avalanche Energy @ L=0.1mH, ID=53A, RG=25Ω
EAS
140
Repetitive Avalanche Energy @ L=0.05mH
EAR
40 *2
mJ
TC=25℃
60
Total Power Dissipation
TC=100℃
PD
32
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+175
°C
100% UIS testing in condition of VD=15V, L=0.1mH, VG=10V, IL=40A, Rated VDS=30V N-CH
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
2.5
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
50 *3
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in² copper pad of FR-4 board, 125
°C/W when mounted on minimum copper pad
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
V
VGS=0, ID=250μA
VGS(th)
1.0
1.5
3.0
V
VDS = VGS, ID=250μA
GFS *1
-
25
-
S
VDS =5V, ID=24A
IGSS
-
-
±
100
nA
VGS=±20
-
-
1
VDS =24V, VGS =0
IDSS
-
-
25
μA
VDS =20V, VGS =0, Tj=125
°C
ID(ON) *1
75
-
-
A
VDS =10V, VGS =10V
-
2.6
3
VGS =10V, ID=30A
RDS(ON) *1
-
4
5
VGS =4.5V, ID=24A
Dynamic
Ciss
-
3850
-
Coss
-
635
-
Crss
-
522
-
pF
VGS=0V, VDS=15V, f=1MHz


同様の部品番号 - MTB03N03H8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB030B03V8 CYSTEKEC-MTB030B03V8 Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030B03V8-0-T6-G CYSTEKEC-MTB030B03V8-0-T6-G Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030N03N3 CYSTEKEC-MTB030N03N3 Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N03N3-0-T1-G CYSTEKEC-MTB030N03N3-0-T1-G Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N04M3-0-T1-G CYSTEKEC-MTB030N04M3-0-T1-G Datasheet
642Kb / 9P
   40V N-Channel Enhancement Mode MOSFET
More results

同様の説明 - MTB03N03H8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com