データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB04N03AQ8 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 MTB04N03AQ8
部品情報  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03AQ8 データシート(HTML) 1 Page - Cystech Electonics Corp.

  MTB04N03AQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03AQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C889Q8
Issued Date : 2013.12.02
Revised Date :
Page No. : 1/9
MTB04N03AQ8
CYStek Product Specification
N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03AQ8 BVDSS
30V
ID @VGS=10V
20A
RDSON@VGS=10V, ID=18A
4.4mΩ(typ)
RDSON@VGS=4.5V, ID=12A
5.8mΩ(typ)
Features
• Single Drive Requirement
• Low On-resistance
• Fast Switching Characteristic
• Dynamic dv/dt rating
• Repetitive Avalanche Rated
• Pb-free lead plating and halogen-free package
Symbol
Outline
MTB04N03AQ8
SOP-8
Pin 1
G:Gate D:Drain S:Source
Ordering Information
Device
Package
Shipping
SOP-8
(Pb-free lead plating and halogen-free package)
2500 pcs / tape & reel
MTB04N03AQ8-0-T3-G
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


同様の部品番号 - MTB04N03AQ8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB04N03E3 CYSTEKEC-MTB04N03E3 Datasheet
304Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03F3 CYSTEKEC-MTB04N03F3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03H8 CYSTEKEC-MTB04N03H8 Datasheet
339Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03J3 CYSTEKEC-MTB04N03J3 Datasheet
344Kb / 11P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
317Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

同様の説明 - MTB04N03AQ8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com