データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECX-33Q データシート(PDF) 1 Page - ECS, Inc.

部品番号 ECX-33Q
部品情報  SMD QUARTZ CRYSTAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ECS [ECS, Inc.]
ホームページ  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX-33Q データシート(HTML) 1 Page - ECS, Inc.

  ECX-33Q Datasheet HTML 1Page - ECS, Inc. ECX-33Q Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECX-33Q
SMD QUARTZ CRYSTAL
The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm
footprint. AEC-Q200 Qualified.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-33Q
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR
Pad Connections
MAX ESR
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
Specify in P/N
DU Option
@ +25°C ±3°C
at +25°C
-55 to +125°C (DU Option)
Frequency Range
Operating Temperature
Storage Temperature
Aging (Per Year)
Frequency Tolerance
Frequency Stability
Shunt Capacitance
Load Capacitance
Drive Level
12.000
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
12.000 ~ 15.999
16.000 ~ 19.999
24.000 ~ 40.000
20.000 ~ 23.999
40.000
± 30 *
± 100 *
7
Series
100
-55
-55
+125
+125
±5
Fundamental
Fundamental
Fundamental
Fundamental
100
80
60
40
1
2
3
4
In/Out
**Gnd
In/Out
**Gnd
DIMENSIONS (mm)
Figure 1) Top, Side, Bottom and End views
** Pad 2 & 4 is tied to metal cover and can
be tied to ground or no connected
Figure 2) Suggested Land Pattern
Custom Options
Rev. 4/13
PART NUMBERING GUIDE: Example ECS-200-20-33Q-DU-TR
Compact and low profile
RoH Compliant (2011/65/EU)
MSL 1
Lead Finish: Au
AEC-Q200 Qualified
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
* Stability
Temp Range
- Packaging
33Q =
ECX-33Q
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
Blank = Std
D = ± 100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm
W = ± 15 ppm
K = ± 10 ppm
Blank = Std
M = -20 ~ +70°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
TR= Tape
& Reel
1K/Reel
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20
*Consult Factory for available stability
options over extended temp range.


同様の部品番号 - ECX-33Q

メーカー部品番号データシート部品情報
logo
ECS, Inc.
ECX-33Q ECS-ECX-33Q Datasheet
578Kb / 2P
   The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
ECX-33QZ ECS-ECX-33QZ Datasheet
568Kb / 2P
   The ultra-minature rugged ECX-33QZ compact SMD Crystal
ECX-33Q ECS-ECX-33Q_18 Datasheet
578Kb / 2P
   The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
More results

同様の説明 - ECX-33Q

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com