データシートサーチシステム |
|
2SC1050 データシート(PDF) 1 Page - Savantic, Inc. |
|
2SC1050 データシート(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors 2SC1050 DESCRIPTION ·With TO-3 package ·High breakdown voltage APPLICATIONS ·For use in audio and general purpose applications PINNING (See Fig.2) PIN DESCRIPTION 1 Base 2 Emitter 3 Collector Absolute maximum ratings(Ta=25? ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 300 V VCEO Collector-emitter voltage Open base 300 V VEBO Emitter-base voltage Open collector 6 V IC Collector current 1 A PT Total power dissipation Tmb=25? 40 W Tj Junction temperature 150 ? Tstg Storage temperature -55~150 ? Fig.1 simplified outline (TO-3) and symbol |
同様の部品番号 - 2SC1050 |
|
同様の説明 - 2SC1050 |