データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCJ51CA データシート(PDF) 3 Page - Bruckewell Technology LTD

部品番号 SMCJ51CA
部品情報  SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SMCJ51CA データシート(HTML) 3 Page - Bruckewell Technology LTD

  SMCJ51CA Datasheet HTML 1Page - Bruckewell Technology LTD SMCJ51CA Datasheet HTML 2Page - Bruckewell Technology LTD SMCJ51CA Datasheet HTML 3Page - Bruckewell Technology LTD SMCJ51CA Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( Rating at 25°C ambient temperature unless otherwise specified)
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Reverse
Reverse
Peak Pulse
Clamping
Voltage
Leakage
Surge Current
Voltage @ IPPM
@ VWM
VBR (V)
IT
VWM
IR
IPPM
VC
Min.
Max.
(mA)
(V)
(
μA)
(A)
(V)
Type
SMCJ36C
40.0
48.9
1.0
36
1.0
23.3
64.3
SMCJ36CA
40.0
44.2
1.0
36
1.0
25.8
58.1
SMCJ40C
44.4
54.3
1.0
40
1.0
21.0
71.4
SMCJ40CA
44.4
49.1
1.0
40
1.0
23.3
64.5
SMCJ43C
47.8
58.4
1.0
43
1.0
19.6
76.7
SMCJ43CA
47.8
52.8
1.0
43
1.0
21.6
69.4
SMCJ45C
50.0
61.1
1.0
45
1.0
18.7
80.3
SMCJ45CA
50.0
55.3
1.0
45
1.0
20.6
72.7
SMCJ48C
53.3
65.1
1.0
48
1.0
17.5
85.5
SMCJ48CA
53.3
58.9
1.0
48
1.0
19.4
77.4
SMCJ51C
56.7
69.3
1.0
51
1.0
16.5
91.1
SMCJ51CA
56.7
62.7
1.0
51
1.0
18.2
82.4
SMCJ54C
60.0
73.3
1.0
54
1.0
15.6
96.3
SMCJ54CA
60.0
66.3
1.0
54
1.0
17.2
87.1
SMCJ58C
64.4
78.7
1.0
58
1.0
14.6
103
SMCJ58CA
64.4
71.2
1.0
58
1.0
16.0
93.6
SMCJ60C
66.7
81.5
1.0
60
1.0
14.0
107
SMCJ60CA
66.7
73.7
1.0
60
1.0
15.5
96
SMCJ64C
71.1
86.4
1.0
64
1.0
13.2
114
SMCJ64CA
71.1
78.6
1.0
64
1.0
14.6
103
SMCJ70C
77.8
95.1
1.0
70
1.0
12.0
125
SMCJ70CA
77.8
86
1.0
70
1.0
13.3
113
SMCJ75C
83.3
102
1.0
75
1.0
11.2
134
SMCJ75CA
83.3
92.1
1.0
75
1.0
12.4
121
SMCJ78C
86.7
106
1.0
78
1.0
10.8
139
SMCJ78CA
86.7
95.8
1.0
78
1.0
11.9
126
SMCJ85C
94.4
115
1.0
85
1.0
9.9
151
SMCJ85CA
94.4
104
1.0
85
1.0
10.9
137
SMCJ90C
100
122
1.0
90
1.0
9.4
160
SMCJ90CA
100
111
1.0
90
1.0
10.3
146
SMCJ100C
111
136
1.0
100
1.0
8.4
179
SMCJ100CA
111
123
1.0
100
1.0
9.3
162
SMCJ110C
122
149
1.0
110
1.0
7.7
196
SMCJ110CA
122
135
1.0
110
1.0
8.5
177
SMCJ120C
133
163
1.0
120
1.0
7.0
214
SMCJ120CA
133
147
1.0
120
1.0
7.8
193
SMCJ130C
144
176
1.0
130
1.0
6.5
231
SMCJ130CA
144
159
1.0
130
1.0
7.2
209
SMCJ150C
167
204
1.0
150
1.0
5.6
268
SMCJ150CA
167
185
1.0
150
1.0
6.2
243
SMCJ160C
178
218
1.0
160
1.0
5.2
287
SMCJ160CA
178
197
1.0
160
1.0
5.8
259
SMCJ170C
189
231
1.0
170
1.0
4.90
304
SMCJ170CA
189
209
1.0
170
1.0
5.50
275
SMCJ188C
209
255
1.0
188
1.0
4.40
344
SMCJ188CA
209
231
1.0
188
1.0
4.60
328
Note:
(1) Pulse test : tp
50ms.
Page 3 of 4


同様の部品番号 - SMCJ51CA

メーカー部品番号データシート部品情報
logo
Zowie Technology Corpor...
SMCJ51CA ZOWIE-SMCJ51CA Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
HuaXinAn Electronics CO...
SMCJ51CA HUAXINAN-SMCJ51CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMCJ51CA MDE-SMCJ51CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
More results

同様の説明 - SMCJ51CA

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMCJ50C EIC-SMCJ50C Datasheet
53Kb / 4P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
P6SMA480CA EIC-P6SMA480CA Datasheet
67Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CFTVS3V3B CENTRAL-CFTVS3V3B Datasheet
816Kb / 4P
   SURFACE MOUNT SILICON BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com