データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3706SPBF データシート(PDF) 9 Page - International Rectifier

部品番号 IRF3706SPBF
部品情報  High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3706SPBF データシート(HTML) 9 Page - International Rectifier

Back Button IRF3706SPBF Datasheet HTML 4Page - International Rectifier IRF3706SPBF Datasheet HTML 5Page - International Rectifier IRF3706SPBF Datasheet HTML 6Page - International Rectifier IRF3706SPBF Datasheet HTML 7Page - International Rectifier IRF3706SPBF Datasheet HTML 8Page - International Rectifier IRF3706SPBF Datasheet HTML 9Page - International Rectifier IRF3706SPBF Datasheet HTML 10Page - International Rectifier IRF3706SPBF Datasheet HTML 11Page - International Rectifier IRF3706SPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRF3706/S/LPbF
www.irf.com
9
D2Pak Part Marking Information
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
F 530S
T HIS IS AN IRF 530S WIT H
LOT CODE 8024
AS S E MB LE D ON WW 02, 2000
IN T HE AS S E MB LY LINE "L"
AS SE MB LY
LOT CODE
INT E RNAT IONAL
RE CT IF IE R
LOGO
PART NUMB E R
DAT E CODE
YEAR 0 = 2000
WE EK 02
LINE L
OR
F530S
A = AS S EMBL Y S IT E CODE
WEE K 02
P = DES IGNAT ES L EAD-FR EE
PRODUCT (OPTIONAL)
RE CT IFIE R
INT ERNATIONAL
LOGO
LOT CODE
AS S EMBL Y
YEAR 0 = 2000
DAT E CODE
PART NUMBER


同様の部品番号 - IRF3706SPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3706S IRF-IRF3706S Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results

同様の説明 - IRF3706SPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com