データシートサーチシステム |
|
SMF19A データシート(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
SMF19A データシート(HTML) 4 Page - Socay Electornics Co., Ltd. |
4 / 6 page Surface Mount Transient Voltage Suppressors (TVS) Revision September 25, 2013 4 / 6 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SMF Series 5.0 To 190 V 200W SOCAY Electronics Co., Ltd. www.socay.com Temperature Cycle JESD22-A104 Case SOD-123 Molded Plastic over glass passivated junction Pressure Cooker JESD22-A102 Polarity Color band denotes cathode except Bipolar High Temp. Storage JESD22-A103 Terminal Matte Tin-plated leads, Solderable per JESD22-B102D HTRB JESD22-A108 Thermal Shock JESD22-A106 Reflow Condition Lead –free assembly -Temperature Min (Ts(min)) 150 °C -Temperature Max (Ts(max)) 200 °C Pre Heat - Time (min to max) (ts) 60 -180 Seconds Average ramp up rate ( Liquidus Temp TL) to peak 3 °C/second max TS(max) to TL - Ramp-up Rate 3 °C/second max - Temperature (TL) (Liquidus) 217 °C Reflow - Time (min to max) (ts) 60 -150 Seconds Peak Temperature (TP) 260 +0/-5 °C Time within 5 °C of actual peak Temperature (tp) 20 -40 Seconds Ramp-down Rate 6 °C/second max Time 25 °C to peak Temperature (T P) 8 minutes Max Do not exceed 280 °C Ramp-down Preheat Critical Zone TL to TP Time to peak temperature (t 25℃ to peak) TP TL TS(max) TS(min) 25 Ramp-up Time I-V Curve Characteristics Soldering Parameters Physical Specifications Environmental Specifications |
同様の部品番号 - SMF19A |
|
同様の説明 - SMF19A |