データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB3150 データシート(PDF) 2 Page - Cystech Electonics Corp.

部品番号 SB3150
部品情報  3.0Amp Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB3150 データシート(HTML) 2 Page - Cystech Electonics Corp.

  SB3150 Datasheet HTML 1Page - Cystech Electonics Corp. SB3150 Datasheet HTML 2Page - Cystech Electonics Corp. SB3150 Datasheet HTML 3Page - Cystech Electonics Corp. SB3150 Datasheet HTML 4Page - Cystech Electonics Corp. SB3150 Datasheet HTML 5Page - Cystech Electonics Corp. SB3150 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C771LD
Issued Date : 2009.08.03
Revised Date : 2013.09.30
Page No. : 2/6
SB3150 and SB3200
CYStek Product Specification
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%)
Type
Parameter
Symbol
SB3150
SB3200
Units
Maximum repetitive peak reverse voltage
VRRM
150
200
V
Maximum RMS voltage
VRMS
105
140
V
Maximum DC blocking voltage
VDC
150
200
V
Maximum instantaneous forward voltage at 3A
1
VF
0.89
V
Maximum average forward rectified current
IF(AV)
3
A
Peak forward surge current @8.3ms single half sine
wave superimposed on rated load (JEDEC method)
IFSM
80
A
TA=25°C
0.5
Maximum DC reverse current at
rated DC blocking voltage
1
TA=100°C
IR
10
mA
Typical junction capacitance
CJ
250
pF
Typical thermal resistance
RθJA
20
/W
Operating junction temperature range
TJ
-55 ~ +150
Storage temperature range
TSTG
-55 ~ +150
Note: 1.Pulse test: pulse width≤300μs, duty cycle≤2%


同様の部品番号 - SB3150

メーカー部品番号データシート部品情報
logo
Compact Technology Corp...
SB3150 CTC-SB3150 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SB3150 CHENDA-SB3150 Datasheet
583Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
SB3150 HDSEMI-SB3150 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
Gulf Semiconductor
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
logo
DONGGUAN YOU FENG WEI E...
SB3150 YFWDIODE-SB3150 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results

同様の説明 - SB3150

メーカー部品番号データシート部品情報
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
   3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com