データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB260E-G データシート(PDF) 1 Page - Comchip Technology

部品番号 SB260E-G
部品情報  Low VF/ESD Leaded Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB260E-G データシート(HTML) 1 Page - Comchip Technology

  SB260E-G Datasheet HTML 1Page - Comchip Technology SB260E-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low VF/ESD Leaded Schottky Barrier Rectifiers
MDS0906003A
Page 1
SB220E-G thru SB2100E-G
Voltage Range: 20 to 100 V
Current: 2.0 A
"-G" : RoHS Device
• Case: Molded plastic body DO-15
• Epoxy: UL94-V0 rated flame retardant
• Terminals: Solderable per MIL-STD-750 Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
• Weight: 0.015 ounces, 0.4 grams
• Low drop down voltage
• 2.0A operation at TA
=75°C with no thermal runaway
• For use in low voltage, high frequency invertors free
wheeling and polarity protection
• Silicon epitaxial planar chips
• Electrostatic discharge (ESD) test under IEC61
000-4-2:
standard: >15KV (air) & 8KV (contact)
• Lead-free part, meet RoHS requirements
Symbols 220E 240E 245E 250E 260E 280E 2100E Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
45
50
60
80
100
Volts
Maximum RMS Voltage
VRMS
14
28
30
35
42
56
70
Volts
Maximum DC Blocking Voltage
VDC
2
0
40
45
50
60
80
100
Volts
Maximum Average Forward Rectified Current
0.375” (9.5mm) lead length at TA
=75°C, See Figure 1
Peak Forward Surge Current
8.3mS single half sine-wave superimp osed on
IFSM
50
Amps
rated load (JEDEC Me thod) TL=110°C
Maximum Forward Voltage at 2.0A (Note 1)
VF
0.50
0.70
0.85
Volts
Maximum DC Reverse Current
TA
= 25°C
at Rated DC Blocking Voltage
TA
=100°C
Typical Junction Capacitance (Note 2)
CJ
170
pF
Typical Thermal Resistance (Note 3)
RθJA
50.0
RθJL
25.0
Operating Junction Temperature Range
TJ
-65 ~ +125
-65 ~ +150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
FEATURES
MECHANICAL DATA
IAV
2.0
Amps
IR
mA
°C/W
0.5
20
10
Unit :inch(mm)
DO-15
1.0(25.4) Min.
1.0(25.4) Min.
.3 00(7 .6 )
.2 30(5 .8 )
.140(3.6)
.104(2.6)
.034(0.86)
.028(0.71)
Note 1. Pulse test: 300µS pu lse wi dth, 1% du ty cy cle
2. Me asured at 1.0MH z an d ap plied reverse vo ltage of 4.0 Volts
3. Therma l resistance from junction to am bient and from junction to lead P.C.B. mo unted 0. 375” (9.5mm ) lead length


同様の部品番号 - SB260E-G

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB260E PANJIT-SB260E Datasheet
64Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB260E SIRECT-SB260E Datasheet
237Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB260E SIRECT-SB260E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
logo
Pan Jit International I...
SB260E PANJIT-SB260E Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SB260EA-G COMCHIP-SB260EA-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
More results

同様の説明 - SB260E-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SR1060LCT JINGHENG-SR1060LCT Datasheet
117Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SS24LT JINGHENG-SS24LT Datasheet
60Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB3100L PANJIT-SB3100L Datasheet
399Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com