データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIA431DJ データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SIA431DJ
部品情報  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA431DJ データシート(HTML) 3 Page - Vishay Siliconix

  SIA431DJ Datasheet HTML 1Page - Vishay Siliconix SIA431DJ Datasheet HTML 2Page - Vishay Siliconix SIA431DJ Datasheet HTML 3Page - Vishay Siliconix SIA431DJ Datasheet HTML 4Page - Vishay Siliconix SIA431DJ Datasheet HTML 5Page - Vishay Siliconix SIA431DJ Datasheet HTML 6Page - Vishay Siliconix SIA431DJ Datasheet HTML 7Page - Vishay Siliconix SIA431DJ Datasheet HTML 8Page - Vishay Siliconix SIA431DJ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 65267
S12-1141-Rev. B, 21-May-12
www.vishay.com
3
Vishay Siliconix
SiA431DJ
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For more information please contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS =5 V thru 2 V
VGS =1.5 V
VGS =1 V
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
30
ID - DrainCurrent (A)
VGS =1.5 V
VGS =2.5 V
VGS =4.5 V
VGS =1.8V
0
2
4
6
8
010
20
30
40
ID =9.6 A
Qg - Total Gate Charge (nC)
VDS =16 V
VDS =10 V
VDS =5 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
1.5 V, 2 A
4.5 V and 2.5 V, 6.5 A
1.8 V, 6.5 A


同様の部品番号 - SIA431DJ

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SIA431DJ-T1-GE3 VBSEMI-SIA431DJ-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA431DJ-T1-GE3 VISHAY-SIA431DJ-T1-GE3 Datasheet
236Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA431DJ-T4-GE3 VISHAY-SIA431DJ-T4-GE3 Datasheet
236Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA431DJ VISHAY-SIA431DJ_V01 Datasheet
236Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SIA431DJ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com