データシートサーチシステム |
|
SI8519-B-GM データシート(PDF) 10 Page - List of Unclassifed Manufacturers |
|
SI8519-B-GM データシート(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 37 page Si85xx 10 Preliminary Rev. 0.4 FAULT output (Si8517/8/9): Goes low when external reset timing is in error. Ease-of-use: Other than conventional power and grounding techniques, no special board layout considerations are required. Built-in timing interface circuits allow already-available system switching signals to be used for reset with no external circuits required. 2.1. Under Voltage Lockout (UVLO) UVLO is provided to prevent erroneous operation during device start-up and shutdown or when VDD is significantly below the specified operating range. The Si85xx is in UVLO state when VDD < VUVLO (Figure 4). During UVLO, the output(s) are held at minimum value regardless of the amount of current flowing from IIN to IOUT, and signals on integrator reset inputs R1–R4 are ignored. The Si85xx exits UVLO when VDD > (VUVLO + VHYST). 2.2. Device Startup Upon exit from UVLO, the Si85xx performs a voltage offset and temperature self-calibration cycle. During this time, output(s) are held at minimum value and reset inputs (R1-R4) are ignored. The reset inputs are enabled at the end of the self-calibration cycle, and an integrator reset cycle is initiated on the first occurrence of active signals on R1–R4. A current measurement is initiated immediately after the completion of the integrator reset cycle, and the resulting current waveforms appear on the output pins. This "reset- measure-reset" pattern repeats throughout steady-state operation. 2.3. Integrator Reset and Current Measurement The Si85xx measures current flowing from the IIN to IOUT terminals. Current is allowed to flow in the opposite direction, but will not be measured (OUT1 and OUT 2 remain at their minimum values during reverse current flow. Reverse current flow will not damage the Si85xx). To achieve the specified accuracy, the integrator capacitor must be discharged (reset) for time period tR prior to the start of every measurement cycle. This cycle-by-cycle reset is implemented by connecting existing system gate control signals to the R1–R4 inputs in a way that resets the integrator when no current is flowing from IIN to IOUT. To achieve rated accuracy, the reset cycle must be completed prior to the start of the measurement cycle. For maximum flexibility, integrator reset operation can be configured in one of two ways: Option 1: The start and duration of reset is determined by the states of the timing signals applied to R1–R4. Option 2: The timing signals applied to R1–R4 trigger the start of reset, and the duration of the reset is determined by an onboard programmable reset timer. Figure 4. Si85xx Startup and Control Timing UNDER VOLTAGE LOCKOUT STATE MEASURE CURRENT VDD SUPPLY INTEGRATOR RESET Si85xx STATUS Si85xx OUTPUT First Positive Edge Following End of Self-Cal START-UP SELF-CAL CYCLE tCAL RESET RESET DON’T CARE tR VOUTMIN OUT1, OUT2 VALID tRP tR VUVLO + VHYST tRP |
同様の部品番号 - SI8519-B-GM |
|
同様の説明 - SI8519-B-GM |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |