データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL-105-T-12 データシート(PDF) 1 Page - Samtec, Inc

部品番号 SL-105-T-12
部品情報  LOW PROFILE MACHINED SOCKET STRIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMTEC [Samtec, Inc]
ホームページ  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SL-105-T-12 データシート(HTML) 1 Page - Samtec, Inc

  SL-105-T-12 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54 mm) .100"
SL, SDL SERIES
SL–120–G–10
(3,89 mm)
.153"
BBL
SL
WWW.SAMTEC.COM
Note: Some lengths,
styles and options are
non-standard, non-returnable.
1
NO. PINS
PER ROW
SL
= Single Row Low Profile Socket Strip
SDL
= Double Row Low Profile Socket Strip
TYPE
STRIP
–19
Micro-Socket
(Hollow Leg)
For LIF specify –39
–12
Micro-Socket
(Hollow Leg)
–11
Low Profile
(Standard Mount)
For LIF specify –31
–10
Low Profile
(Hollow Leg)
Micro
Socket
Standard
Socket
(Reference only.
Not available
with SL & SDL)
Mates with:
TS, TD, HTS, BBS, BBD,
BBL, BDL, BHS
Low Insertion Force (LIF) Available
PLATING
OPTION
LEAD
STYLE
–G
= 30µ" (0,76 µm)
Gold contact,
10µ" (0,25µm)
Gold shell
–T
= 30µ"(0,76 µm)
Gold contact,
Tin shell
–TT
= Tin contact and shell
(LIF not available)
Contact Length =
(1,58 mm) .062"
Lead DIA Accepted =
(0,41 mm) .016" to (0,51 mm) .020"
Insertion Depth =
(1,65 mm) .065" to (3,81 mm) .150"
Style 12 Component Part No. =
SC-5P1
Contact Length =
(1,58 mm) .062"
Lead DIA Accepted =
(0,41 mm) .016" to (0,53 mm) .021"
Insertion Depth =
(2,03 mm) .080" to (2,67 mm) .105"
Style 11 Component Part No. =
SC-4P1
Style 31 Component Part No. =
EZ-4P1
Contact Length =
(2,11 mm) .083"
Lead DIA Accepted =
(0,38 mm) .015" to (0,51 mm) .020"
Insertion Depth =
(2,67 mm) .105" to (4,32 mm) .170"
Style 10 Component Part No. =
SC-3P1
Contact Length =
(1,58 mm) .062"
Lead DIA Accepted =
(0,41 mm) .016" to (0,51 mm) .020"
Insertion Depth =
(1,65 mm) .065" to (3,56 mm) .140"
Style 19 Component Part No. =
SC-8P1
Style 39 Component Part No. =
EZ-8P1
(4,45)
.175
(2,11)
.083
(0,25)
.010
(1,32)
.052
DIA
(0,74)
.029
DIA
(1,83)
.072 DIA
(4,19)
.165
(2,41)
.095
(0,51)
.020
(1,32)
.052
DIA
(0,76)
.030
DIA
(1,83)
.072 DIA
(4,83)
.190
(5,84)
.230
(1,83)
.072 DIA
(3,35)
.132
(0,51)
.020
(1,32)
.052
DIA
(1,32)
.052
DIA
(0,51)
.020
DIA
(0,76)
.030
DIA
(1,83)
.072 DIA
(6,10)
.240
(3,10)
.122
(0,76)
.030
Achieve low profile
without sacrificing
insertion depth!
Choice of four precision
screw machined lead
styles.
Exceptionally low profile,
down to (2,11 mm) .083"
off of board.
Mates with BBL or BDL
for board stacking
spaces down to
(3,89 mm) .153"
01
thru
36
01
thru
32
(2,54) .100 X No. of Positions
(2,54)
.100
(2,54)
.100
TYP
(2,54) .100 X No. of Positions
(5,08)
.200
(2,54)
.100
TYP
(1,27)
.050
(1,27)
.050
(2,54)
.100
F-214
For complete specifications
see www.samtec.com?SL or
www.samtec.com?SDL
Insulator Material:
Black Glass Filled Polyester
Contact/Shell Materials:
BeCu/Brass
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Operating Temp Range:
-55°C to +125°C with Gold
-55°C to +105°C with Tin
Contact Resistance:
10 m
Ω
Insertion Force:
(Single contact only)
Standard =
9 oz (2,50 N) avg.,
16 oz (4,45 N) max
((0,43 mm) .017" DIA probe)
Low Insertion Force =
2.5 oz (0,70 N) avg.,
5.5 oz (1,53 N) max
((0,43 mm) .017" DIA probe)
Withdrawal Force:
(Single contact only)
Standard =
2.5 oz (0,70 N) avg.,
1.5 oz (0,42 N) min
((0,43 mm) .017" DIA probe)
Low Insertion Force
= 2.0 oz (0,56 N) avg.,
0.5 oz (0,14 N) min
((0,43 mm) .017" DIA probe)
RoHS Compliant: Yes
Lead-Free Solderable:
Wave only
Only .083”
(2,11 mm)
Only .083”
(2,11 mm)
above p.c. bo
ard
above p.c. boar
d
FEATURES
SPECIFICATIONS
LOW PROFILE MACHINED SOCKET STRIPS
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS


同様の部品番号 - SL-105-T-12

メーカー部品番号データシート部品情報
logo
Samtec, Inc
SL-106-T-19 SAMTEC-SL-106-T-19 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SL-108-G-12 SAMTEC-SL-108-G-12 Datasheet
118Kb / 1P
   ASSEMBLY SOCKET STRIP
logo
Everlight Electronics C...
SL-10A EVERLIGHT-SL-10A Datasheet
370Kb / 5P
   No UV or IR light radiation
SL-10A-C-P05-30-E30-EU EVERLIGHT-SL-10A-C-P05-30-E30-EU Datasheet
370Kb / 5P
   No UV or IR light radiation
More results

同様の説明 - SL-105-T-12

メーカー部品番号データシート部品情報
logo
Samtec, Inc
SL-131-T-11 SAMTEC-SL-131-T-11 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SL-106-T-19 SAMTEC-SL-106-T-19 Datasheet
331Kb / 1P
   LOW PROFILE MACHINED SOCKET STRIPS
SS-125-S-2 SAMTEC-SS-125-S-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-126-S-2 SAMTEC-SS-126-S-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-110-T-3 SAMTEC-SS-110-T-3 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SD-112-G-21C SAMTEC-SD-112-G-21C Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SD-123-G-2 SAMTEC-SD-123-G-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-106-G-1C SAMTEC-SS-106-G-1C Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
SS-103-S-2 SAMTEC-SS-103-S-2 Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
SD-136-T-2 SAMTEC-SD-136-T-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com