データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM42-0040 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 AM42-0040
部品情報  GaAs MMIC VSAT Power Amplifier 2.0 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0040 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM42-0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
GaAs MMIC VSAT Power Amplifier 2.0 W
5.9 - 6.4 GHz
Rev. V5
AM42-0040
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Linear Gain: 30 dB Typical
• High Saturated Output Power: +33 dBm Typ.
• High Power Added Efficiency: 26% Typ.
• 50 Ω Input/Output Broadband Matched
• Lead-Free Ceramic Bolt Down Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
The AM42-0040 is a three-stage MMIC power
amplifier in a lead-free, ceramic bolt down style
hermetic package.
The AM42-0040 employs an
internally matched monolithic chip with internally
decoupled Gate and Drain bias networks.
The
AM42-0040 is designed to be operated from a
constant current Drain supply. By varying the Gate
bias
voltage,
the
saturated
output
power
performance of this device can be tailored for
various applications.
The AM42-0040 is designed for use as an output
stage or driver amplifier for C-band VSAT transmitter
systems. This amplifier employs a fully monolithic
chip
and
requires
a
minimum
of
external
components.
The AM42-0040 is fabricated using a mature 0.5
micron GaAs MESFET process.
The process
features full passivation for increased performance
and reliability. This product is 100% RF tested to
ensure compliance to performance specifications.
Ordering Information
Part Number
Package
AM42-0040
Ceramic Bolt Down
Pin Configuration
Pin No.
Pin Name
Description
1
N/C
No Connection
2
GND
DC and RF Ground
3
RF In
RF Input
4
GND
DC and RF Ground
5
VGG
Gate Supply
6
N/C
No Connection
7
VDET
Detector
8
RF Out
RF Output
9
GND
DC and RF Ground
10
VDD
Drain Supply
Functional Schematic
N/C
GND
GND
RFIN
VGG
N/C
VDET
RFOUT
GND
VDD
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


同様の部品番号 - AM42-0040

メーカー部品番号データシート部品情報
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
AM42-0040 MACOM-AM42-0040 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
More results

同様の説明 - AM42-0040

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com