データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1608T4R7M データシート(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 LB1608T4R7M
部品情報  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB1608T4R7M データシート(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LB1608T4R7M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB1608T4R7M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
61
WIRE-WOUND CHIP INDUCTORS (LB SERIES)
REFLOW
i_wound_LB_e-E02R01
WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PARTS NUMBER
*Operating Temp. : -40~+105℃(Including self-generated heat)
L
B
△ △
2
0
1
2
T
1
0
0
M
△ △ △ △
△=Blank space
⑥ ⑦
①Series name
Code
Series name
LB
Wound chip inductor
②Characteristics
Code
Characteristic
△△
Standard
△C
High current
△R
Low Rdc
MF
Low loss
③Dimensions(L×W)
Code
Type(inch)
Dimensions
(L×W)[mm]
1608
1608(0603)
1.6×0.8
2012
2012(0805)
2.0×1.25
2016
2016(0806)
2.0×1.6
2518
2518(1007)
2.5×1.8
3218
3218(1207)
3.2×1.8
3225
3225(1210)
3.2×2.5
④Packaging
Code
Packaging
T
Taping
⑤Nominal inductance
Code
(example)
Nominal inductance[μH]
1R0
1.0
100
10
101
100
※R=Decimal point
⑥Inductance tolerance
Code
Inductance tolerance
K
±10%
M
±20%
⑦Special code
Code
Special code
Standard
R
Low Rdc type
⑧Internal code
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Recommended Land Patterns
Surface Mounting
・Mounting and soldering conditions should be checked beforehand.
・Applicable soldering process to these products is reflow soldering only.
Type
A
B
C
1608
0.55
0.7
0.9
MF1608
0.55
0.7
1.0
2012
0.60
1.0
1.45
2016
0.60
1.0
1.8
2518
0.60
1.5
2.0
3218
0.85
1.7
2.0
3225
0.85
1.7
2.7
Unit:mm
Type
L
W
T
e
Standard quantity [pcs]
Paper tape
Embossed tape
LB
1608
1.6±0.1
(0.063±0.004)
0.8±0.1
(0.031±0.004)
0.8±0.1
(0.031±0.004)
0.35±0.15
(0.014±0.006)
4000
LBMF1608
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.45±0.15
(0.016±0.006)
3000
LB
2012
LB C2012
LB R2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
1.25±0.2
(0.049±0.008)
0.5±0.2
(0.020±0.008)
3000
LB
2016
LB C2016
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.2
(0.020±0.008)
2000
LB
2518
LB C2518
LB R2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.5±0.2
(0.020±0.008)
2000
LB
3218
3.2±0.2
(0.128±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.6±0.2
(0.024±0.008)
2000
LB C3225
3.2±0.2
(0.128±0.008)
2.5±0.2
(0.098±0.008)
2.5±0.2
(0.098±0.008)
0.6±0.3
(0.024±0.012)
1000
Unit:mm(inch)


同様の部品番号 - LB1608T4R7M

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LB1608T4R7M TAIYO-YUDEN-LB1608T4R7M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB1608T4R7M TAIYO-YUDEN-LB1608T4R7M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB1608T4R7M TAIYO-YUDEN-LB1608T4R7M Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB1608T4R7M TAIYO-YUDEN-LB1608T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB1608T4R7M TAIYO-YUDEN-LB1608T4R7M Datasheet
361Kb / 3P
   Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
More results

同様の説明 - LB1608T4R7M

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com