データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB-300-100 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LB-300-100
部品情報  TYPE LB: 170 through 600 Amperes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LB-300-100 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LB-300-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Ammeter Shunts
STD Accuracy ± 0.25%
Tolerances ± .015 for the hole diameters. Other tolerances ± .030 unless specified.
Dimensions subject to change without notice.
TYPE LB: 170 through 600 Amperes
Catalog
AMP
A
Number
LB-170-100
170
2.07
LB-200-100
200
2.07
LB-250-100
250
2.07
LB-300-100
300
2.07
LB-400-100
400
2.07
LB-450-100
450
2.07
LB-500-100
500
2.07
LB-600-100
600
2.07
TYPE LB: 100 mV
Catalog
AMP
A
Number
LB-170-50
170
1.5
LB-200-50
200
1.5
LB-250-50
250
1.5
LB-300-50
300
1.5
LB-400-50
400
1.5
LB-450-50
450
1.5
LB-500-50
500
1.5
LB-600-50
600
1.5
TYPE LB: 50 mV


同様の部品番号 - LB-300-100

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
More results

同様の説明 - LB-300-100

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TYPE-LB ETC2-TYPE-LB Datasheet
109Kb / 1P
   170 through 600 Amperes
LA-75-50 ETC2-LA-75-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
logo
Powerex Power Semicondu...
CM600HA-12H POWEREX-CM600HA-12H Datasheet
59Kb / 4P
   Single IGBTMOD 600 Amperes/600 Volts
CM600HU-12H POWEREX-CM600HU-12H Datasheet
57Kb / 4P
   Single IGBTMOD 600 Amperes/600 Volts
QID0660023 POWEREX-QID0660023 Datasheet
323Kb / 3P
   Dual IGBT Module 600 Amperes/600 Volts
logo
Motorola, Inc
MJL16218 MOTOROLA-MJL16218 Datasheet
157Kb / 8P
   POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS
logo
Powerex Power Semicondu...
PM600CLA060 POWEREX-PM600CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 600 Amperes/600 Volts
logo
Micro Commercial Compon...
SMBJ50 MCC-SMBJ50 Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
logo
Powerex Power Semicondu...
CM600DY-12NF POWEREX-CM600DY-12NF Datasheet
532Kb / 4P
   Dual IGBTMOD NF-Series Module 600 Amperes/600 Volts
QIS0660004 POWEREX-QIS0660004 Datasheet
640Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/600 Volts
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com