データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

122-2313-GR データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 122-2313-GR
部品情報  Dual 12.5mm Coin Cell Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

122-2313-GR データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  122-2313-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.40
(.094)
ø15
(ø.59)
ø13
(ø.51)
8
(.315) 7
(.276)
1.20
(.047)
3
(.12)
11.20
(.44)
3Xø1 Pillars
(ø.039)
6.50
(.256)
3.20
(.126)
9.70
(.38)
5.60
(.22)
7.50
(.295)
2Xø1 Holes
(ø.039)
1
(.039)
4
(.157)
PCB Mounting Layout
Dual 12.5mm Coin Cell Holder
122-2313-GR
Date Last Revised: 10-25-11
SPECIFICATIONS
MATERIALS
CR1225 (Diameter = 12.5mm
Thickness = 5.4mm)
2A (AC/DC)
500V (AC/DC)
PBT + 30% Glass Filled, Black
Tin plated nickel over Phospor Bronze
Battery Dimensions:
Current Rating:
Voltage Rating:
RoHS Compliant
Housing:
Terminals:
DIMENSIONS: mm (in.)
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
EPD-200437


同様の部品番号 - 122-2313-GR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
   Coin Cell Holder
122-2512-GR ETC2-122-2512-GR Datasheet
232Kb / 1P
   20mm Coin Cell Battery Holder
122-2520-GR ETC2-122-2520-GR Datasheet
188Kb / 1P
   Single 20mm Coin Cell Holder
122-2523-GR ETC2-122-2523-GR Datasheet
195Kb / 1P
   23mm Coin Cell Battery Holder
122-2582-GR ETC2-122-2582-GR Datasheet
216Kb / 1P
   20mm Coin Cell Battery Holder
More results

同様の説明 - 122-2313-GR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
122-2920-GR ETC2-122-2920-GR Datasheet
196Kb / 1P
   Single 12.5mm Coin Cell Holder
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
   Coin Cell Holder
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
   Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
   Coin Cell Holder
BH401 ETC1-BH401 Datasheet
71Kb / 1P
   COIN CELL HOLDER
logo
Adam Technologies, Inc.
BH-44-5 ADAM-TECH-BH-44-5 Datasheet
193Kb / 1P
   BATTERY COIN CELL HOLDER
BH-47-1 ADAM-TECH-BH-47-1 Datasheet
65Kb / 1P
   BATTERY COIN CELL HOLDER
logo
PowerDynamics, Inc
PDI-2032-0 POWERDYNAMICS-PDI-2032-0 Datasheet
47Kb / 1P
   COIN CELL BATTERY HOLDER
logo
Adam Technologies, Inc.
BH-49-5 ADAM-TECH-BH-49-5 Datasheet
72Kb / 1P
   BATTERY COIN CELL HOLDER
logo
PowerDynamics, Inc
PDI-2325-0 POWERDYNAMICS-PDI-2325-0 Datasheet
51Kb / 1P
   BATTERY HOLDER COIN CELL
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com