データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431SA3 データシート(PDF) 4 Page - Cystech Electonics Corp.

部品番号 TL431SA3
部品情報  Adjustable Precision Shunt Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431SA3 データシート(HTML) 4 Page - Cystech Electonics Corp.

  TL431SA3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431SA3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431SA3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431SA3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431SA3 Datasheet HTML 5Page - Cystech Electonics Corp. TL431SA3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C502A3
Issued Date : 2011.05.24
Revised Date : 2012.04.12
Page No. : 4/6
TL431SA3
CYStek Product Specification
Characteristic Curves(Cont.)
CATHODE VOLTAGE vs R EF ER ENC E INP UT
VOLTAGE
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
VKA - C ATHODE VOLTAGE (V)
DYNAMIC IMP EDANC E vs F R EQUENC E
0. 1
1
10
100
1
10
100
1000
f - F R EQUENC E (KHz )
OP EN-LOOP VOLTAGE GAIN vs F R EQUENCY
0
10
20
30
40
1
10
100
1000
f - F R EQUENC Y (KHz )
Po wer Der atin g C u r v e
0
100
200
300
400
500
600
700
800
0
50
100
15 0
2 00
Am b ien t Tem p er atu r e- - - TA( ℃)


同様の部品番号 - TL431SA3

メーカー部品番号データシート部品情報
logo
Calogic, LLC
TL431S CALOGIC-TL431S Datasheet
65Kb / 6P
   Precision Adjustable Precision Adjustable
logo
IK Semicon Co., Ltd
TL431S IKSEMICON-TL431S Datasheet
3Mb / 12P
   Programmable Precision Reference
logo
Guangdong Youtai Semico...
TL431S UMW-TL431S Datasheet
695Kb / 13P
   Adjustable Precision Shunt Regulator
logo
Cystech Electonics Corp...
TL431S5 CYSTEKEC-TL431S5 Datasheet
281Kb / 8P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431SDT NXP-TL431SDT Datasheet
214Kb / 23P
   Adjustable precision shunt regulator
Rev. 02-20 January 2010
More results

同様の説明 - TL431SA3

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com