データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMF205B データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SMF205B
部品情報  2.0 Amp High Efficiency Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF205B データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMF205B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF205B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SMF201B~SMF207B
Voltage 50 V ~ 1000 V
2.0 Amp High Efficiency Recovery Rectifiers
27-Aug-2013 Rev.B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
MECHANICAL DATA
Case: Molded plastic SMB
Epoxy: UL 94V-0 rate flame retardant
Polarity: Color band denotes cathode
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SMF
201B
SMF
202B
SMF
203B
SMF
204B
SMF
205B
SMF
206B
SMF
207B
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current.375”(9.5mm) Lead Length at
TA=55°C
IF
2
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
50
A
Maximum Instantaneous Forward Voltage @
2A
VF
1.3
1.5
1.7
V
TJ=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=125°C
IR
200
μA
Maximum Reverse Recovery Time
1
TRR
150
250
500
nS
RθJL
25
Typical Thermal Resistance
RθJC
30
°C/W
Typical Junction Capacitance
2
CJ
50
pF
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Notes:
1. Reverse Recovery Time test condition:IF=0.5A, IR=1A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SMB
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.75
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
1.95
2.65
H
0.15
0.31


同様の部品番号 - SMF205B

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMF205B SUNMATE-SMF205B Datasheet
511Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

同様の説明 - SMF205B

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SUF201B SECOS-SUF201B_15 Datasheet
235Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SEF201B SECOS-SEF201B_15 Datasheet
253Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SMF201A SECOS-SMF201A_15 Datasheet
199Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SMF201B SECOS-SMF201B_15 Datasheet
252Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SUF201A SECOS-SUF201A_15 Datasheet
189Kb / 2P
   2.0 Amp High Efficiency Recovery Rectifiers
SEF205BS SECOS-SEF205BS Datasheet
246Kb / 2P
   600 V 2.0 Amp High Efficiency Recovery Rectifiers
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER201 UNIOHM-HER201 Datasheet
68Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER201 GWSEMI-HER201 Datasheet
69Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER205-2C2A-2CDO-15 DGNJDZ-HER205-2C2A-2CDO-15 Datasheet
221Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com