データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ80CA データシート(PDF) 2 Page - Diodes Incorporated

部品番号 SMBJ80CA
部品情報  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ80CA データシート(HTML) 2 Page - Diodes Incorporated

  SMBJ80CA Datasheet HTML 1Page - Diodes Incorporated SMBJ80CA Datasheet HTML 2Page - Diodes Incorporated SMBJ80CA Datasheet HTML 3Page - Diodes Incorporated SMBJ80CA Datasheet HTML 4Page - Diodes Incorporated SMBJ80CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0(C)A - SMBJ170(C)A
Document number: DS19002 Rev. 17 - 2
2 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMBJ5.0(C)A - SMBJ170(C)A
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Add C For Bi-
Directional
(Note 6)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 7)
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 8)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current
Ipp
Marking Code
See Note 4
VRWM (V)
Min (V) Max (V)
IT(mA)
IR (μA)
VC (V)
(A)
BI-
UNI-
SMBJ5.0(C)A
5.0
6.40
7.23
10
800
9.2
65.2
AE
KE
SMBJ6.0(C)A
6.0
6.67
7.67
10
800
10.3
58.3
AG
KG
SMBJ6.5(C)A
6.5
7.22
8.30
10
500
11.2
53.6
AK
KK
SMBJ7.0(C)A
7.0
7.78
8.95
10
200
12.0
50.0
AM
KM
SMBJ7.5(C)A
7.5
8.33
9.58
1.0
100
12.9
46.5
AP
KP
SMBJ8.0(C)A
8.0
8.89
10.23
1.0
50
13.6
44.1
AR
KR
SMBJ8.5(C)A
8.5
9.44
10.82
1.0
10
14.4
41.7
AT
KT
SMBJ9.0(C)A
9.0
10.00
11.50
1.0
5.0
15.4
39.0
AV
KV
SMBJ10(C)A
10.0
11.10
12.80
1.0
5.0
17.0
35.3
AX
KX
SMBJ11(C)A
11.0
12.20
14.40
1.0
5.0
18.2
33.0
AZ
KZ
SMBJ12(C)A
12.0
13.30
15.30
1.0
5.0
19.9
30.2
BE
LE
SMBJ13(C)A
13.0
14.40
16.50
1.0
5.0
21.5
27.9
BG
LG
SMBJ14(C)A
14.0
15.60
17.90
1.0
5.0
23.2
25.8
BK
LK
SMBJ15(C)A
15.0
16.70
19.20
1.0
5.0
24.4
24.0
BM
LM
SMBJ16(C)A
16.0
17.80
20.50
1.0
5.0
26.0
23.1
BP
LP
SMBJ17(C)A
17.0
18.90
21.70
1.0
5.0
27.6
21.7
BR
LR
SMBJ18(C)A
18.0
20.00
23.30
1.0
5.0
29.2
20.5
BT
LT
SMBJ20(C)A
20.0
22.20
25.50
1.0
5.0
32.4
18.5
BV
LV
SMBJ22(C)A
22.0
24.40
28.00
1.0
5.0
35.5
16.9
BX
LX
SMBJ24(C)A
24.0
26.70
30.70
1.0
5.0
38.9
15.4
BZ
LZ
SMBJ26(C)A
26.0
28.90
33.20
1.0
5.0
42.1
14.2
CE
ME
SMBJ28(C)A
28.0
31.10
35.80
1.0
5.0
45.4
13.2
CG
MG
SMBJ30(C)A
30.0
33.30
38.30
1.0
5.0
48.4
12.4
CK
MK
SMBJ33(C)A
33.0
36.70
42.20
1.0
5.0
53.3
11.3
CM
MM
SMBJ36(C)A
36.0
40.00
46.00
1.0
5.0
58.1
10.3
CP
MP
SMBJ40(C)A
40.0
44.40
51.10
1.0
5.0
64.5
9.3
CR
MR
SMBJ43(C)A
43.0
47.80
54.90
1.0
5.0
69.4
8.6
CT
MT
SMBJ45(C)A
45.0
50.00
57.50
1.0
5.0
72.7
8.3
CV
MV
SMBJ48(C)A
48.0
53.30
61.30
1.0
5.0
77.4
7.7
CX
MX
SMBJ51(C)A
51.0
56.70
65.20
1.0
5.0
82.4
7.3
CZ
MZ
SMBJ54(C)A
54.0
60.00
69.00
1.0
5.0
87.1
6.9
DE
NE
SMBJ58(C)A
58.0
64.40
74.60
1.0
5.0
93.6
6.4
DG
NG
SMBJ60(C)A
60.0
66.70
76.70
1.0
5.0
96.8
6.2
DK
NK
SMBJ64(C)A
64.0
71.10
81.80
1.0
5.0
103.0
5.8
DM
NM
SMBJ70(C)A
70.0
77.80
89.50
1.0
5.0
113.0
5.3
DP
NP
SMBJ75(C)A
75.0
83.30
95.80
1.0
5.0
121.0
4.9
DR
NR
SMBJ78(C)A
78.0
86.70
99.70
1.0
5.0
126.0
4.7
DT
NT
SMBJ85(C)A
85.0
94.40
108.20
1.0
5.0
137.0
4.4
DV
NV
SMBJ90(C)A
90.0
100.0
115.50
1.0
5.0
146.0
4.1
DX
NX
SMBJ100(C)A
100.0
111.0
128.00
1.0
5.0
162.0
3.7
DZ
NZ
SMBJ110(C)A
110.0
122.0
140.00
1.0
5.0
177.0
3.4
EE
PE
SMBJ120(C)A
120.0
133.0
153.00
1.0
5.0
193.0
3.1
EG
PG
SMBJ130(C)A
130.0
144.0
165.50
1.0
5.0
209.0
2.9
EK
PK
SMBJ150(C)A
150.0
167.0
192.50
1.0
5.0
243.0
2.5
EM
PM
SMBJ160(C)A
160.0
178.0
205.00
1.0
5.0
259.0
2.3
EP
PP
SMBJ170(C)A
170.0
189.0
217.50
1.0
5.0
275.0
2.2
ER
PR
Notes:
6. Suffix C denotes Bi-directional device.
7. VBR measured with IT current pulse = 300μs
8. For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.


同様の部品番号 - SMBJ80CA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SMBJ80CA DIODES-SMBJ80CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
logo
Socay Electornics Co., ...
SMBJ80CA SOCAY-SMBJ80CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80CA SOCAY-SMBJ80CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Zowie Technology Corpor...
SMBJ80CA ZOWIE-SMBJ80CA Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMBJ80CA YANGJIE-SMBJ80CA Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
More results

同様の説明 - SMBJ80CA

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com