データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-L13DTAFS データシート(PDF) 9 Page - Rohm

部品番号 SML-L13DTAFS
部品情報  Specifications (Precautions and Prohibitions)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-L13DTAFS データシート(HTML) 9 Page - Rohm

Back Button SML-L13DTAFS Datasheet HTML 2Page - Rohm SML-L13DTAFS Datasheet HTML 3Page - Rohm SML-L13DTAFS Datasheet HTML 4Page - Rohm SML-L13DTAFS Datasheet HTML 5Page - Rohm SML-L13DTAFS Datasheet HTML 6Page - Rohm SML-L13DTAFS Datasheet HTML 7Page - Rohm SML-L13DTAFS Datasheet HTML 8Page - Rohm SML-L13DTAFS Datasheet HTML 9Page - Rohm SML-L13DTAFS Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PRODUCTS
Surface Mount
Chip LED
TYPE
SML-L13DTAFS
PAGE
ATTENTION POINT IN HANDLING
This product was developed as a surface mount LED especially suitable for soldering.
Please take care of following points when using this device.
1.DESIGNING OF PCB
As for a recommendable solder pattern, Please refer to Fig-1.
The size and direction of the pad pattern
depends on the condition of the PCB,
So, please investigate about the adjustment
thoroughly before designing.
2.SOLDERING ( Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu )
LED products do not contain reinforcement
materials such as glass fillers.
Therefore, thermal stress by soldering greatly
influence its reliability.
The temperature conditions for reflow soldering
should therefore be set up according to the
characteristic of this product. (See Fig-2)
Furthermore, a sudden heating or cooling of LED
cause internal stress greatly and has a possibility to
break the device. Therefore, thermal gradient shall be
gradual as possible.
Number of reflow process shall be max 2 times
and these processes shall be performed in a row.
Cooling process to normal temperature shall be required
between first and second soldering process.
3.HANDLING AFTER MOUNTING
In case outside force is given to the device, stress is
concentrated to the jointed part between mold resin and substrate.
Therefore please be careful when handling LED and PCB for
there is a possibility to break the device or PCB.
4.WASHING
Please note the following points when washing is required after soldering.
4-1) WASHING SOLVENT
Isopropyl alcohol or other alcohol solvent is recommendable.
4-2) TEMPERATURE
Below 30℃, immersion time ; within 3 minutes.
4-3) ULTRA SONIC WASHING
Below 15 / 1 litter of solvent tub.
4-4) CULING
Below 100℃ within 3 minutes.
5.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture
absorption so we apply the packaging with moisture proof for better condition is use, please also note that
5-1) Not to be opened before using.
5-2) To be kept in our moisture proof packaging with some desiccant (SILICA GEL) after opening it.
To be baked in case the SILICAGEL indicator changed its color from either blue to clear or green to pink.
5-3) Please use within 72 hours after the package was opened. (Condition at 30℃, max.70%Rh.)
In case it is not used within 72 hours, please put it back into our packaging.
5-4) BAKING
Please bake under reel condition at 60℃, 12~24 hours (max.20%Rh) after un-sealing.
While baking is done, the reel and emboss tape may be easily deformed.
Please be careful not to give any stress.
REV.:
SPECIFICATION No.:
TENTATIVE (20091222)
TSZ22111・05・002
Fig-1)
( unit : mm )
0
50
100
150
200
250
300
Outside Force
PCB
Soldering part
Emitting Direction
1.2±0.1
0.5
0.8
0.8
0.5
Through hole
(Fig-2)
Max 250℃, Within 10sec
140~180℃
230~250℃
Max 40sec
Min.1 min
Max
-6℃/sec


同様の部品番号 - SML-L13DTAFS

メーカー部品番号データシート部品情報
logo
LUMEX INC.
SML-LX0201NWD-TR LUMEX-SML-LX0201NWD-TR Datasheet
441Kb / 2P
   0.65(L)*0.38(W)*0.36(H)mm, SURFACE MOUNT TOP VIEW LED, lnGaN NEUTRAL WHITE, YELLOW LENS, TAPE & REEL
SML-LX0201USBC-TR LUMEX-SML-LX0201USBC-TR Datasheet
441Kb / 2P
   THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT
SML-LX0303SIUPGUSB LUMEX-SML-LX0303SIUPGUSB Datasheet
430Kb / 2P
   0.8(L)*0.8(W)*0.65(H)mm, SURFACE MOUNT LED, AlInGap RED/InGaN GREEN/InGaN BLUE LED, CLEAR LENS (TINTED), TAPE & REEL
SML-LX0402DRC-TR LUMEX-SML-LX0402DRC-TR Datasheet
61Kb / 1P
   2mm x 3mm SURFACE MOUNT WITH REFLECTOR
SML-LX0402GC-TR LUMEX-SML-LX0402GC-TR Datasheet
61Kb / 1P
   1.0mm x 0.5mm SURFACE MOUNT LED
More results

同様の説明 - SML-L13DTAFS

メーカー部品番号データシート部品情報
logo
Rohm
SCM-014TBT86 ROHM-SCM-014TBT86 Datasheet
189Kb / 8P
   Specifications (Precautions and Prohibitions)
logo
Japan Aviation Electron...
CT150-4C-ILZ JAE-CT150-4C-ILZ Datasheet
351Kb / 9P
   Important safeguards and precautions
logo
COSMO Electronics Corp...
KL-150UYG COSMO-KL-150UYG Datasheet
178Kb / 9P
   SMD HANDLING AND APPLICATION PRECAUTIONS
logo
Toshiba Semiconductor
TMP96C141BF TOSHIBA-TMP96C141BF Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
   General handling precautions
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-JB11-NMP01 AVAGO-ASMT-JB11-NMP01 Datasheet
72Kb / 2P
   Silicone Encapsulation for LED Advantages and Handling Precautions
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
   PRECAUTIONS FOR HANDLING & STORAGE
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
Freescale Semiconductor...
MC34018 FREESCALE-MC34018 Datasheet
962Kb / 14P
   Specifications and Applications
logo
Omron Electronics LLC
E3S5E4S45 OMRON-E3S5E4S45 Datasheet
256Kb / 5P
   Ratings and Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com