データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN2011I データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN2011I
部品情報  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2011I データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN2011I Datasheet HTML 2Page - Fairchild Semiconductor FAN2011I Datasheet HTML 3Page - Fairchild Semiconductor FAN2011I Datasheet HTML 4Page - Fairchild Semiconductor FAN2011I Datasheet HTML 5Page - Fairchild Semiconductor FAN2011I Datasheet HTML 6Page - Fairchild Semiconductor FAN2011I Datasheet HTML 7Page - Fairchild Semiconductor FAN2011I Datasheet HTML 8Page - Fairchild Semiconductor FAN2011I Datasheet HTML 9Page - Fairchild Semiconductor FAN2011I Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.4
Applications Information
Setting the Output Voltage
The internal reference is 0.8V. The output is divided
down by a voltage divider, R1 and R2 to the FB pin. The
output voltage is:
According to this equation, and assuming desired output
voltage of 1.5096V, and given R2 = 10K
Ω, the calculated
value of R1 is 8.87K
Ω.
Inductor Selection
The inductor parameters directly related to device perfor-
mances are saturation current and DC resistance. The
FAN2011/FAN2012 operates with a typical inductor
value of 3.3µH. The lower the dc resistance, the higher
the efficiency. For saturation current, the inductor should
be rated higher than the maximum load current, plus half
of the inductor ripple current calculated as follows:
where:
∆I
L = Inductor Ripple Current
f = Switching Frequency
L = Inductor Value
Some recommended inductors are suggested in the
table below:
Table 1. Recommended Inductors
Capacitors Selection
For best performances, a low ESR input capacitor is
required. A ceramic capacitor of at least 10µF, placed as
close to the VIN and AGND pins of the device is recom-
mended. The output capacitor determines the output rip-
ple and the transient response.
Table 2. Recommended Capacitors
PCB Layout Recommendations
The inherently high peak currents and switching fre-
quency of power supplies require a careful PCB layout
design. Therefore, use wide traces for high-current paths
and place the input capacitor, the inductor, and the out-
put capacitor as close as possible to the integrated cir-
cuit terminals. To minimize voltage stress to the device
resulting from ever-present switching spikes, use an
input bypass capacitor with low ESR. Use of an external
Schottky diode, with its anode connected to SW node
and cathode connected to PVIN, further reduces switch-
ing spikes. Note that the peak amplitude of the switching
spikes depends upon the load current; the higher the
load current, the higher the switching spikes.
The resistor divider that sets the output voltage should
be routed away from the inductor to avoid RF coupling.
The ground plane at the bottom side of the PCB acts as
an electromagnetic shield to reduce EMI. The recom-
mended PCB layout is shown below in Figure 5.
Figure 5. Recommended PCB Layout
Inductor Value
Vendor
Part Number
3.3µH
Panasonic
ELL6PM3R3N
3.3µH
Murata
LQS66C3R3M04
3.3µH
Coiltronics
SD-3R3-R
Capacitor
Value
Vendor
Part Number
10µF
Taiyo
Yuden
JMK212BJ106MG
JMK316BJ106KL
TDK
C2012X5ROJ106K
C3216X5ROJ106M
Murata
GRM32ER61C106K
V
OUT
V
REF 1
R
1
R
2
-------
+


=
∆I
L
V
OUT
1V
OUT
V
IN
()
Lf
×
------------------------------------------
×
=


同様の部品番号 - FAN2011I

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2011I FAIRCHILD-FAN2011I Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011I FAIRCHILD-FAN2011I Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011IMPX FAIRCHILD-FAN2011IMPX Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

同様の説明 - FAN2011I

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com