データシートサーチシステム |
|
BA14741F データシート(PDF) 1 Page - Rohm |
|
BA14741F データシート(HTML) 1 Page - Rohm |
1 / 51 page 1/48 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. Operational Amplifiers / Comparators Low Noise Operational Amplifiers BA4558F, BA4558R F/FV/FVM, BA4560F, BA4560R F/FV/FVM, BA4564RFV BA4580R F/FVM, BA4584FV, BA4584R F/FV, BA8522R F/FV/FVM BA15218F, BA14741F, BA15532F, BA4510F/FV, BA2115F/FVM ●Description General-purpose BA4558 / BA4560 / BA15218 / BA14741 / BA15532 / BA4510 family and high-reliability BA4558R / BA4560R / BA4564R / BA4580R / BA4584 / BA4584R / BA8522R / BA2115 family integrate two or four independent Op-Amps on a single chip Especially, this series is suitable for any audio applications due to low noise and low distortion characteristics and are usable for other many applications by wide operating supply voltage range. BA4558R / BA4560R / BA4564R / BA4580R / BA4584R / BA8522R / BA2115 are high-reliability products with extended operating temperature range and high ESD tolerance. ●Features 1) High voltage gain, low noise, low distortion 2) Wide operating supply voltage ±4.0[V]~±15.0[V]( split supply) (BA4560/BA4558/ BA4558R/BA4560R/ BA4564R family) ±2.0[V]~±16.0[V]( split supply) (BA4580R/ BA4584/BA8522R/BA15218 family) ±2.0[V]~±8.5[V]( split supply)(BA4584R family) ±2.0[V]~±18.0[V]( split supply)(BA14741 family) ±3.0[V]~±20.0[V]( split supply)(BA15532 family) ±1.0[V]~±3.5[V]( split supply)(BA4510 family) ±1.0[V]~±7.0[V]( split supply)(BA2115 family) 3) Internal phase compensation 4) No latch up immunity 5) Internal ESD protection Human body mode (HBM) ±5000[V](Typ.) (BA4558R/BA4560R/BA4564R/BA4580R/BA4584/ BA4584R/BA8522R/BA2115 family) 6) Wide temperature range -40[℃]~+85[℃] (BA4558/BA4560/BA4584/BA15218/BA14741/ BA2115 family) -40[℃]~+105[℃] (BA4558R/BA4560R/BA4564R/BA4580R/BA4584R/ BA8522R family) ●Pin Assignments No.11049EBT16 Dual General purpose BA4560F Dual Dual Quad Dual Dual BA4558F BA15218F BA14741F BA15532F BA4510F/FV Dual Dual BA4558R F/FV/FVM Dual Quad Dual Quad Quad Dual BA2115F/FVM BA4584FV BA4560R F/FVM BA4580R F/FV/FVM BA8522R F/FV/FVM BA4584R F/FV BA4564RFV High reliability SOP8 SSOP-B8 MSOP8 SOP14 SSOP-B14 BA4558F BA4560F BA15218F BA15532F BA4510F BA4558RFV BA4560RFV BA4510FV BA8522RFV BA4558RFVM BA4560RFVM BA4580RFVM BA8522RFVM BA2115FVM BA14741F BA4584RF BA4564RFV BA4584FV BA4584RFV 4 5 3 6 2 7 1 8 CH1 - + CH2 + - OUT1 -IN1 +IN1 VEE OUT2 -IN2 +IN2 VCC 7 8 6 9 5 10 4 11 3 12 2 13 1 14 CH4 + - CH1 - + OUT1 -IN1 +IN1 VCC OUT3 +IN3 -IN3 VEE CH2 - + + - CH3 OUT4 -IN4 +IN4 OUT2 +IN2 -IN2 BA4558RF BA4560RF BA4580RF BA8522RF BA2115F |
同様の部品番号 - BA14741F |
|
同様の説明 - BA14741F |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |