データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1415410-0 データシート(PDF) 2 Page - Tyco Electronics

部品番号 3-1415410-0
部品情報  Power Relay 41063 125째C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1415410-0 データシート(HTML) 2 Page - Tyco Electronics

  3-1415410-0 Datasheet HTML 1Page - Tyco Electronics 3-1415410-0 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power Relay 41063 125°C (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
WG version
according EN60335-1, par.30
Ambient temperature
-20 to +125°C
Category of environmental protection
IEC 61810
RTII - flux proof
Terminal type
PCB-THT, quick connect for load side
Weight
24g
Resistance to soldering heat THT
IEC 60068-2-20, flux proof version
270°C/10s
Packaging/unit
tray/75 pcs., box/1050 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 form A (NO) contact
1 form B (NC) contact
S0256-CA
S0256-CB
S0256-CC
S0282-AB
Product code
Contact arrangement Contact material
Coil
Version
Part number
0410 63 043 005WG
1 form A (NO) contact
AgNi
48VDC
IEC60335-1 compliant
6-1415536-5
0410 63 046 001
AgCdO
24VDC
Standard
3-1415410-0
0410 63 046 002
1 form B (NC) contact
7-1415534-5
0410 63 050 001
1 form A (NO) contact
12VDC
3-1415410-4
0410 63 050 005WG
AgNi
IEC60335-1 compliant
9-1415535-3
0410 63 053 001
AgCdO
9VDC
Standard
3-1415410-7
0410 63 054 001
6VDC
3-1415410-9
0410 63 054 006WG
1 form B (NC) contact
AgNi
IEC60335-1 compliant
7-1415536-6
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
041063
050
001
Type
41063 Power Relay 410 63 125°C
Coil
Coil code: please refer to coil versions table
Version
001
1 form A contact (1 NO), AgCdO
002
1 form B contact (1 NC), AgCdO
005
1 form A contact (1 NO), AgNi
006
1 form B contact (1 NC), AgNi
Version
Blank
Standard version
WG
Product in accordance with IEC 60335-1 (domestic appliances)
Other types on request


同様の部品番号 - 3-1415410-0

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
3-1415410-0 TEC-3-1415410-0 Datasheet
431Kb / 2P
   Switching capacity 4000VA
More results

同様の説明 - 3-1415410-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
41063 MACOM-41063_09 Datasheet
183Kb / 2P
   Power Relay 410 63 125째C
logo
ATMEL Corporation
AT-89S8252 ATMEL-AT-89S8252 Datasheet
15Kb / 5P
   125째C DYNAMIC LIFETEST (PLASTIC)
logo
Seiko Instruments Inc
S25A080A SII-S25A080A Datasheet
518Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com