データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-38M データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SI-38M
部品情報  Dual independent 1080p playback
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SI-38M データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-38M Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
18
Features
● iSMART - for EuP/ErP power saving, auto-scheduler
and power resume
● Dual independent 1080p playback
● AMD R-Series Quad-Core R-464L/Dual-Core R-272F
APU, up to 35W
● AMD Radeon™ HD 7660G/7520G GPU
● 2x DDR3 1600MHz SO-DIMM, Max. 8GB
● Dual Mini PCI-E(x1) slots for Wi-Fi, Bluetooth, 3G or
TV tuner options
● Segrerated flow ventilation design
Mid-Range, Dual DVI Signage Player, AMD R-464L Quad-Core/R-272F
Dual-Core APU with RadeonTM 7660G/7520G Graphics
SI-38
System Mainboard IB938
CPU Type
AMD R-Series 32nm Quad-Core/Dual-Core APU*
*The maximum TDP supported is 35W
CPU Package
PGA-722 package (35 x 35 mm)
Chipset
AMD A70M
Memory
2x DDR3 1600MHz SO-DIMM memory, Max. 8GB
Graphics
AMD Radeon™ HD 7660G/7520G GPU for Quad-Core
R-464L/Dual-Core R-272F
2x Hybrid DVI-I Supports: OpenCL™ 1.1, DirectCompute 11,
DirectX® 11 UVD3 Hardware Video Decoder – MPEG-2,
MPEG-4, H.264, VC-1, WMV
LAN
1x RTL8111E Gigabit LAN controller
Expansion Slots
1x mSATA / mPCIe(x1) Full size
1x mPCIe(x1) Half size
For Wi-Fi, Bluetooth, 3G or TV tuner options
I/O Interface
1x Hybrid-DVI (VGA/ DVI/ HDMI with audio)
1x Dual-link DVI-I
2x USB 3.0 ports
1x RJ45 for LAN
1x RJ45 for RS232
2x Microjack audio connectors for Line-in / Line-out
Power LED / HDD LED, power on/off button
Auto Control and
Monitoring
Watchdog Timer: 256 segments, 0, 1, 2...255 (sec/min)
On / Off scheduler: 2 time slots
Power
Requirement
+12V DC-in
Construction
Aluminum + SGCC
Weight
1.7kg(3.75lbs)
Chassis Color
Black & White
Storage
1x removable 2.5" HDD/SSD drive bay, 1x mSATA
Power Supply
84W power adaptor
Mounting
Slim design with wall mounting holes
Dimensions
270mm(W) x 181mm(D) x 26.5mm(H)
10.63”(W) x 7.09”(D) x 1.04”(H)
Operating
Temperature
0°C~ 45°C (32°F~113°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
SSD: 5 grms / 5~500Hz / random operation
HDD: 0.25 grms / 5~500Hz / random operation
Certification
CE, FCC, UL, CCC
SI-38-QC
Signage Player with AMD R464L Quad-Core
(2.3GHz) CPU, 4GB DDR3 SO-DIMM, 2.5” 320GB
SATA HDD, 84W power adaptor
SI-38-DC
Signage Player with AMD R272F Dual-Core (2.7GHz) CPU,
4GB DDR3 SO-DIMM, 2.5” 320GB SATA HDD, 84W power
adaptor
SI-38M
Signage Player without CPU, RAM, HDD, with 80W
adaptor
SI-MK3
Mounting bracket for SI-24SD/28/38 series
Ordering Information
Specifications
Dimensions
181
270
115
26.50
243
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


同様の部品番号 - SI-38M

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI-38N ETC2-SI-38N Datasheet
657Kb / 1P
   AMD Radeon??HD 7600G/7500G GPU
SI-38N-26 ETC2-SI-38N-26 Datasheet
657Kb / 1P
   AMD Radeon??HD 7600G/7500G GPU
SI-38N-26M ETC2-SI-38N-26M Datasheet
657Kb / 1P
   AMD Radeon??HD 7600G/7500G GPU
SI-38N-45 ETC2-SI-38N-45 Datasheet
657Kb / 1P
   AMD Radeon??HD 7600G/7500G GPU
SI-38N-45M ETC2-SI-38N-45M Datasheet
657Kb / 1P
   AMD Radeon??HD 7600G/7500G GPU
More results

同様の説明 - SI-38M

メーカー部品番号データシート部品情報
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
EMB-KB1 AAEON-EMB-KB1 Datasheet
364Kb / 2P
   dual independent display
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
AAEON Technology
EMB-H81A AAEON-EMB-H81A Datasheet
373Kb / 2P
   dual independent display
EMB-H81B AAEON-EMB-H81B Datasheet
333Kb / 2P
   dual independent display
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
logo
Recom International Pow...
R1DA RECOM-R1DA Datasheet
105Kb / 3P
   1 Watt SMD Dual Independent Outputs
logo
Cypress Semiconductor
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
logo
Advantech Co., Ltd.
ARK-1122H ADVANTECH-ARK-1122H_17 Datasheet
865Kb / 2P
   Independent Dual Displays Fanless Box PC
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com