データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF07WBP-3S データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 LF07WBP-3S
部品情報  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LF07WBP-3S データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LF07WBP-3S Datasheet HTML 7Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 8Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 9Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 10Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 11Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 12Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 13Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 14Page - List of Unclassifed Manufacturers LF07WBP-3S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LF SeriesqMiniature Waterproof Shielded Connectors
No.
2
1
3
Soldered joints
Cable outer jacket
Cable outer jacket
5 to 6mm
Cable outer jacket
Shielding mesh
Wires
Copper tape
3
Copper tape
Copper tape
Wires
Copper tape
Overlap of the copper tape
Crimping of the Shielding Clamp
Solder termination fixture
Body / insulator assembly
2
1
1±0.5mm
Cable outer jacket
Ground clamp
Shielding clamp
Shielding mesh
5
4
Commercially
available pliers
4
Overlap of the copper tape
E
Shielding clamp
After completion of the soldering operations
carefully remove (holding on the locking collar)
the body/insulator assembly from the solder
termination fixture.
Wrap the folded over shielding mesh with 5 to
6 mm wide copper tape to assure that it will
not become loose.
Apply the copper tape so that the shielding
mesh does not protrude from under it.
Insert the “U” shaped shielding clamp over the
copper tape as shown on the illustration.
It is critical that the overlap of the copper tape
is located inside the shielding clamp as shown
on the illustration.
Using commercially available pliers bend the
open ends of the shielding clamp as illustrated,
assuring that it stays in place. The dimension
of E. between opposing edges of the shielding
clamp is necessary to assure correct final
crimp.
Note
Exercise caution not to damage or deform the
solder joints.
Note
After wrapping the copper tape, the tape
should overlap itself by 2 mm max.
Illustration
Operation
Note
When the end of the copper tape wrapping is
positioned at the open side of the ground
fitting, the end portion of the copper tape
wrapping will no longer be covered by the
ground fitting when the ground fitting is
crimped.
Table 5
Shell size
E
LF07
LF10
5mm max.
7mm max.
LF13
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


同様の部品番号 - LF07WBP-3S

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF07WBP-3S HIROSE-LF07WBP-3S Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

同様の説明 - LF07WBP-3S

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com