データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL401 データシート(PDF) 1 Page - EIC discrete Semiconductors

部品番号 KBL401
部品情報  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EIC [EIC discrete Semiconductors]
ホームページ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

KBL401 データシート(HTML) 1 Page - EIC discrete Semiconductors

  KBL401 Datasheet HTML 1Page - EIC discrete Semiconductors KBL401 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL400 - KBL410
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 4.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 5.15 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
KBL
400
KBL
401
KBL
402
KBL
404
KBL
406
KBL
408
KBL
410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current Tc=50
°C
IF(AV)
4.0
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
200
Amps.
Rating for fusing
( t < 8.3 ms. )
I
2
t
166
A
2
S
Maximum Forward Voltage per Diode at IF = 4 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Typical Thermal Resistance ( Note 1 )
R
θJA
10
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Thermal resistance from Junction to Ambient with units mounted on a 3" X 3" X 0.11" THK ( 7.5cm X 7.5cm X 0.3cm ) Cu. plate.
UPDATE : APRIL 23,1998
RATING
0.085 (2.16)
0.065 (1.65)
KBL
0.77 (19.56)
0.73 (18.54)
0.265 (6.73 )
0.235 (5.97)
0.200 (5.08)
0.190 (4.82)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeter )
+ AC AC
0.825 (20.95)
0.605 (15.36)
1.00 (25.4)
MIN.


同様の部品番号 - KBL401

メーカー部品番号データシート部品情報
logo
Surge Components
KBL401 SURGE-KBL401 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
KBL401 YFWDIODE-KBL401 Datasheet
474Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBL401 JUXING-KBL401 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Pan Jit International I...
KBL401 PANJIT-KBL401 Datasheet
96Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
First Components Intern...
KBL401 FCI-KBL401 Datasheet
73Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
More results

同様の説明 - KBL401

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com