データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29044IROMZ-T7 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL29044IROMZ-T7
部品情報  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29044IROMZ-T7 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL29044IROMZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29044IROMZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL29044
6
FN8305.0
October 30, 2012
Typical Performance Curves V
DD = 3.0V
FIGURE 4. SPECTRUM OF FOUR LIGHT SOURCES NORMALIZED BY
LUMINOUS INTENSITY (LUX)
FIGURE 5. ISL29044 SENSITIVITY TO DIFFERENT WAVELENGTHS
FIGURE 6. ANGULAR SENSITIVITY OF ALS
FIGURE 7. ALS TRANFER FUNCTION 2 LIGHT SOURCES
(125 LUX RANGE)
FIGURE 8. PROX COUNTS vs DISTANCE WITH 10cmx10cm
REFLECTORS
FIGURE 9. VDD vs IDD FOR VARIOUS MODES OF OPERATION
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
350
550
750
950
WAVELENGTH (nm)
FLUORESCENT
SUN
INCAND.
HALOGEN
0
10
20
30
40
50
60
70
80
90
100
WAVELENGTH (nm)
0.2
0.4
0.6
0.8
1.0
SERIES1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
10
20
30
40
50
60
70
80
90 100 110 120 130
LUX METER (lux)
HALOGEN
WHITE LED
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
DISTANCE (mm)
220mA WHITE
110mA WHITE
110mA GREY
220mA GREY
40
100
120
140
160
2.25
2.40
2.55
2.85
3.00
3.15
3.45
INPUT VDD (V)
3.60
3.30
2.70
60
80
ALS+PROX (DURING PROX SLEEP)
ALS-ONLY
PROX (DURING PROX SLEEP)


同様の部品番号 - ISL29044IROMZ-T7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29044IROMZ-T7 RENESAS-ISL29044IROMZ-T7 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

同様の説明 - ISL29044IROMZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com