データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB30C50GAU データシート(PDF) 1 Page - Panasonic Battery Group

部品番号 SB30C50GAU
部品情報  SPECIFICATION OF MATSUSHITA COMPRESSOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONICBATTERY [Panasonic Battery Group]
ホームページ  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

SB30C50GAU データシート(HTML) 1 Page - Panasonic Battery Group

  SB30C50GAU Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION OF MATSUSHITA COMPRESSOR
Model:
SB30C50GAU6
115V 60Hz
No. : SB030UEGSA0C
Application:
Evaporating temp. range:
Low back pressure
-35 ゚C to -5 ゚C (-31 ゚F to 23 ゚F)
Refrigerant:
Refrigerant control:
R134a (CF3 CH2F)
Capillary tube
Design type:
Motor type:
Reciprocating connecting rod
RSIR, PTC relay
Compressor cooling:
Voltage range:
Static cooling
103V to 127V, 60Hz
Capacity *
W
±7 %
72
*Test conditions
kcal/h
±7 %
62
Evaporating temp.:
Btu/h
±7 %
246
-23.3°C
(-10°F)
Motor input *
W
77
Condensing temp.:
Current *
A
1.18
54.4°C
(130°F)
C.O.P. *
±10 %
0.93
Ambient temp.:
E.E.R. *
Btu/Wh
±10 %
3.19
32.2°C
(90°F)
Gas superheated to:
Displacement
cm
3
3.01
32.2°C
(90°F)
in
3
0.184
Liquid subcooled to:
Oil charge
cm
3
±5 cm3
195
32.2°C
(90°F)
in
3
±0.3 in
3
11.9
Comp. shell temp.:
Weight (with oil)
kg
6.3
76°C
(170°F)
lbs
13.9
Power source:
Rated current
A
1.16
115V
60Hz
Starting current
#1
A
5.92/11.5
Oil:
Winding resistance
M
ohm
8.16
VG22
(T: 20°C 68°F)
S
ohm
10.5
Approved oils:
High potential test
V/s
1400
FREOL
alpha22, 22E
Residual moisture
mg max.
120
ICI
RL22HLN, 22H
Impurities
mg max.
7
SUNISO
SL22SC, 22S
Motor protector model
4TM302MHBYY or 5TM302MHBYY
Note:
#2
Texas Instruments
#1: Starting current : A/B
Opening temperature
°C
±5 °C
115
A = Amps for UL/CSA
°F
±9 °F
239
B = Amps at 2 phase start.
Closing temperature
°C
±9 °C
69
#2: Although these components have
°F
±16 °F
156
passed test for use with this
Trip current
A
±7.5 %
2.13
compressor, Matsushita assumes no
(T: 70°C 158°F)
responsibility whatsoever for these or
Trip current
A
10.5
any other components sourced by the
(T: 25°C 77°F,
refrigerator manufacturer from third
t: 16 s max)
parties.
PTC relay model
7M4R7M
#2
Murata Manufacturing co., Ltd.
Resistance
ohm
±20 %
4.7
(T: 25°C 77°F)
## Where tolerances are not indicated,
Power consumption
W max.
3.0
data is shown for reference only.
Operating time
s
0.7 to 2.2
Recovery time
s max.
70
DATE:
Jun.30.2005 DATE:
Jun.30.2005
Starting capacitor
#2
- microF.
- V min.
Running capacitor #2
- microF.
- V min.
APPROVED BY
PREPARED BY
MATSUSHITA REFRIGERATION COMPANY
REFRIGERATION DEVICES DIVISION
S.TAKAHASHI
K.USUI
SB030UEGSA0C.xls


同様の部品番号 - SB30C50GAU

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB30-03F SANYO-SB30-03F Datasheet
78Kb / 3P
   30V, 3A Rectifier
SB30-03P SANYO-SB30-03P Datasheet
67Kb / 2P
   30V, 3A Rectifier
SB30-03T SANYO-SB30-03T Datasheet
80Kb / 3P
   30V, 3A Rectifier
SB30-03Z SANYO-SB30-03Z Datasheet
70Kb / 2P
   30V, 3A Rectifier
SB30-04A SANYO-SB30-04A Datasheet
61Kb / 3P
   40V, 3.0A Rectifier
More results

同様の説明 - SB30C50GAU

メーカー部品番号データシート部品情報
logo
Panasonic Battery Group
DHS51C73RAU PANASONICBATTERY-DHS51C73RAU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DHS66C10RBU PANASONICBATTERY-DHS66C10RBU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SB35C65GAU PANASONICBATTERY-SB35C65GAU Datasheet
52Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SHH48C97RAU PANASONICBATTERY-SHH48C97RAU Datasheet
49Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SB43C75GAU PANASONICBATTERY-SB43C75GAU Datasheet
44Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SB43C77RAU PANASONICBATTERY-SB43C77RAU Datasheet
44Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DGH66C94RAU PANASONICBATTERY-DGH66C94RAU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DGH57C79RAU PANASONICBATTERY-DGH57C79RAU Datasheet
50Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
DHS57C85RAU PANASONICBATTERY-DHS57C85RAU Datasheet
60Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
SB48C90RAU PANASONICBATTERY-SB48C90RAU Datasheet
44Kb / 1P
   SPECIFICATION OF MATSUSHITA COMPRESSOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com