データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE23300 データシート(PDF) 3 Page - California Eastern Labs

部品番号 NE23300
部品情報  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE23300 データシート(HTML) 3 Page - California Eastern Labs

  NE23300 Datasheet HTML 1Page - California Eastern Labs NE23300 Datasheet HTML 2Page - California Eastern Labs NE23300 Datasheet HTML 3Page - California Eastern Labs NE23300 Datasheet HTML 4Page - California Eastern Labs NE23300 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL COMMON SOURCE SCATTERING PARAMETERS1 (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
KS21
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
FREQUENCY
S11
S21
S12
S22
KS21
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
0.1
.999
-1.8
5.854
178.8
.003
87.5
.631
-1.4
0.2
.999
-3.6
5.850
177.2
.005
86.2
.632
-2.5
0.5
.998
-8.9
5.846
173.5
.011
84.6
.632
-6.1
1.0
.994
-17.7
5.797
167.0
.022
82.0
.628
-12.1
2.0
.974
-34.6
5.614
154.1
.044
71.2
.618
-23.8
3.0
.940
-49.9
5.299
142.1
.063
62.4
.598
-34.9
4.0
.903
-63.2
4.919
131.1
.079
52.5
.578
-43.9
5.0
.861
-75.1
4.512
121.4
.089
46.4
.556
-51.5
6.0
.822
-85.9
4.210
112.5
.099
39.7
.532
-59.1
7.0
.798
-93.2
3.900
105.5
.103
35.2
.528
-60.8
8.0
.750
-102.2
3.642
97.8
.103
27.7
.495
-65.1
9.0
.728
-110.1
3.420
89.9
.104
23.9
.479
-69.1
10.0
.724
-117.8
3.304
83.8
.109
21.9
.468
-74.6
12.0
.722
-132.6
3.045
69.8
.115
14.7
.433
-86.7
14.0
.724
-146.6
2.876
57.2
.120
4.9
.398
-101.2
16.0
.714
-158.3
2.668
46.2
.125
-2.4
.376
-112.4
18.0
.695
-169.5
2.483
35.7
.132
-9.8
.373
-119.5
20.0
.676
-179.4
2.296
26.5
.143
-10.5
.394
-124.8
22.0
.665
168.5
2.115
13.7
.153
-14.9
.401
-130.3
24.0
.648
158.1
1.897
0.4
.163
-17.7
.388
-139.5
26.0
.632
147.8
1.817
-12.1
.167
-19.9
.378
-148.9
26.5
.641
145.0
1.832
-14.3
.168
-18.3
.372
-152.5
0.1
.999
-2.0
7.441
178.7
.002
87.9
.484
-1.1
0.2
.999
-3.9
7.436
177.1
.003
86.5
.483
-2.7
0.5
.997
-9.5
7.422
173.1
.009
84.7
.483
-6.5
1.0
.991
-18.8
7.317
166.4
.017
82.2
.482
-12.8
2.0
.968
-36.6
7.041
153.1
.032
72.3
.472
-24.8
3.0
.929
-52.7
6.570
140.6
.047
63.9
.458
-36.3
4.0
.889
-66.4
6.058
129.9
.059
56.1
.447
-45.3
5.0
.846
-78.7
5.518
120.2
.067
50.5
.431
-52.3
6.0
.805
-89.3
5.083
111.5
.076
44.2
.411
-60.0
7.0
.777
-98.8
4.686
103.6
.083
39.5
.403
-64.1
8.0
.728
-107.8
4.335
96.3
.082
32.5
.375
-67.7
9.0
.709
-115.5
4.046
88.8
.084
30.6
.365
-70.9
10.0
.708
-123.2
3.879
82.9
.089
30.2
.359
-76.6
12.0
.707
-137.7
3.551
69.6
.097
23.8
.333
-89.5
14.0
.710
-151.1
3.293
57.0
.102
15.7
.311
-105.0
16.0
.704
-162.7
3.055
46.0
.110
8.8
.294
-117.1
18.0
.680
-173.2
2.835
35.9
.118
2.4
.300
-124.4
20.0
.667
177.0
2.598
27.1
.134
-0.5
.320
-128.7
22.0
.661
164.9
2.384
15.4
.149
-4.0
.336
-133.8
24.0
.654
153.8
2.141
3.1
.162
-6.8
.327
-141.0
26.0
.639
144.0
2.020
-9.2
.171
-10.4
.310
-150.5
26.5
.641
142.2
2.059
-11.6
.175
-11.7
.308
-156.2
0.06
17.4
35.7
0.04
17.4
33.9
0.04
17.4
29.2
0.04
17.3
26.3
0.09
16.9
23.4
0.16
16.3
21.4
0.23
15.6
20.1
0.31
14.8
19.1
0.38
14.1
18.2
0.44
13.4
17.5
0.59
12.7
17.2
0.65
12.1
16.8
0.63
11.8
16.4
0.64
11.0
15.6
0.65
10.4
15.1
0.67
9.7
14.4
0.71
9.1
13.8
0.69
8.3
12.9
0.67
7.5
12.0
0.70
6.6
11.2
0.75
6.1
10.7
0.72
6.3
10.7
0.05
15.3
32.9
0.04
15.4
30.7
0.02
15.3
27.3
0.00
15.3
24.2
0.04
15.0
21.1
0.09
14.5
19.2
0.17
13.8
17.9
0.23
13.1
17.0
0.29
12.5
16.3
0.35
11.8
15.8
0.48
11.2
15.5
0.55
10.7
15.2
0.54
10.4
14.8
0.56
9.7
14.2
0.57
9.2
13.8
0.61
8.5
13.3
0.66
7.9
12.7
0.66
7.2
12.1
0.68
6.5
11.4
0.75
5.5
10.7
0.79
5.2
10.4
0.76
5.3
10.4
See notes on back page.
NE23300
VDS = 2 V, IDS = 30 mA
VDS = 2 V, IDS = 10 mA
j100
j50
j25
j10
-j100
-j50
-j25
-j10
0
26.5 GHz
S11
.1 GHz
S22
.1 GHz
26.5 GHz
10
50
25
100
+90
˚
+60
˚
+30
˚
+120
˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
0
˚
S21
.1 GHz
S12
.1 GHz
26.5 GHz
+150
˚
26.5 GHz


同様の部品番号 - NE23300

メーカー部品番号データシート部品情報
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results

同様の説明 - NE23300

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com