データシートサーチシステム |
|
SMBJ7.0CA データシート(PDF) 3 Page - EIC discrete Semiconductors |
|
SMBJ7.0CA データシート(HTML) 3 Page - EIC discrete Semiconductors |
3 / 4 page Reverse Maximum Maximum Maximum Breakdown Voltage @ IT Stand-off Reverse Peak Pulse Clamping ( Note 1 ) Voltage Leakage Surge Current Voltage @ IPPM @ VWM (See Fig. 3) VBR (V) IT VWM ID IPPM VC Min. Max. (mA) (V) ( µA) (A) (V) SMBJ33C 6040 36.7 46.5 1.0 33 5.0 10.2 59.0 SMBJ33CA 6540 36.7 42.2 1.0 33 5.0 11.3 53.3 SMBJ36C 6043 40.0 50.7 1.0 36 5.0 9.3 64.3 SMBJ36CA 6543 40.0 46.0 1.0 36 5.0 10.3 58.1 SMBJ40C 6048 44.4 56.3 1.0 40 5.0 8.4 71.4 SMBJ40CA 6548 44.4 51.1 1.0 40 5.0 9.3 64.5 SMBJ43C 6051 47.8 60.5 1.0 43 5.0 7.8 76.7 SMBJ43CA 6551 47.8 54.9 1.0 43 5.0 8.6 69.4 SMBJ45C 6054 50.0 63.3 1.0 45 5.0 7.5 80.3 SMBJ45CA 6554 50.0 57.5 1.0 45 5.0 8.3 72.7 SMBJ48C 6057 53.3 67.5 1.0 48 5.0 7.0 85.5 SMBJ48CA 6557 53.3 61.3 1.0 48 5.0 7.7 77.4 SMBJ51C 6061 56.7 71.8 1.0 51 5.0 6.6 91.1 SMBJ51CA 6561 56.7 65.2 1.0 51 5.0 7.3 82.4 SMBJ54C 6065 60.0 76.0 1.0 54 5.0 6.2 96.3 SMBJ54CA 6565 60.0 69.0 1.0 54 5.0 6.9 87.1 SMBJ58C 6070 64.4 81.6 1.0 58 5.0 5.8 103.0 SMBJ58CA 6570 64.4 74.1 1.0 58 5.0 6.4 93.6 SMBJ60C 6072 66.7 84.5 1.0 60 5.0 5.6 107 SMBJ60CA 6572 66.7 76.7 1.0 60 5.0 6.2 96.8 SMBJ64C 6076 71.1 90.1 1.0 64 5.0 5.3 114 SMBJ64CA 6576 71.1 81.8 1.0 64 5.0 5.8 103 SMBJ70C 6084 77.8 98.6 1.0 70 5.0 4.8 125 SMBJ70CA 6584 77.8 89.5 1.0 70 5.0 5.3 113 SMBJ75C 6090 83.3 105.7 1.0 75 5.0 4.5 134 SMBJ75CA 6590 83.3 95.8 1.0 75 5.0 4.9 121 SMBJ78C 6093 86.7 109.8 1.0 78 5.0 4.3 139 SMBJ78CA 6593 86.7 99.7 1.0 78 5.0 4.7 126 SMBJ85C 60B0 94.4 119.2 1.0 85 5.0 3.9 151 SMBJ85CA 65B0 94.4 108.2 1.0 85 5.0 4.4 137 SMBJ90C 60B1 100 126.5 1.0 90 5.0 3.8 160 SMBJ90CA 65B1 100 115.5 1.0 90 5.0 4.1 146 SMBJ100C 60B2 111 141.0 1.0 100 5.0 3.4 179 SMBJ100CA 65B2 111 128.0 1.0 100 5.0 3.7 162 SMBJ110C 60B3 122 154.5 1.0 110 5.0 3.0 196 SMBJ110CA 65B3 122 140.5 1.0 110 5.0 3.4 177 SMBJ120C 60B4 133 169.0 1.0 120 5.0 2.8 214 SMBJ120CA 65B4 133 153.0 1.0 120 5.0 3.1 193 SMBJ130C 60B5 144 182.5 1.0 130 5.0 2.6 231 SMBJ130CA 65B5 144 165.5 1.0 130 5.0 2.9 209 SMBJ150C 60B8 167 211.5 1.0 150 5.0 2.2 268 SMBJ150CA 65B8 167 192.5 1.0 150 5.0 2.5 243 SMBJ160C 60B9 178 226.0 1.0 160 5.0 2.1 287 SMBJ160CA 65B9 178 205.0 1.0 160 5.0 2.3 259 SMBJ170C 60D0 189 239.5 1.0 170 5.0 2.0 304 SMBJ170CA 65D0 189 217.5 1.0 170 5.0 2.2 275 Note: ( 1 ) VBR measured after IT applied for 300 µs., IT = square wave pulse or equivalent. ( 2 ) Surge Current Waveform per Fig. 3 and Derate per Fig. 1. ( 3 ) A TransZorb TVS is normally selected according to the reverse "Stand Off Voltage" (VWM) which should be equal to or greater than the DC or continuous peak operating voltage level. TYPE Marking Code |
同様の部品番号 - SMBJ7.0CA |
|
同様の説明 - SMBJ7.0CA |