データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X-5328-P-C-LW165-R データシート(PDF) 1 Page - Projects Unlimited, Inc.

部品番号 X-5328-P-C-LW165-R
部品情報  Indicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PUI [Projects Unlimited, Inc.]
ホームページ  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

X-5328-P-C-LW165-R データシート(HTML) 1 Page - Projects Unlimited, Inc.

  X-5328-P-C-LW165-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
X-5328-P-C-LW165-R
J.D.
E.P.
B.R.
3/18/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
5/25/2006
Date
5/25/2006
Date
5/25/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
X-5328-P-C-LW165-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
5/25/2006
A
REVISED SPL
8/13/2007
D.F.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
3/18/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
6Vdc
OPERATING VOLTAGE RANGE
3 ~ 12
Vdc
RATED CURRENT (MAX)
20
mA
MINIMUM SPL @ 10 CM
100
dBA
RESONANT FREQUENCY
2,800 ± 500
Hz
TONE OR PULSE RATE
CONTINUOUS
0 pulse /sec
OPERATING TEMPERATURE
-20 ~ +60
°C
STORAGE TEMPERATURE
-30 ~ +70
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
LEAD WIRES
-
WEIGHT
38
grams
THIS DOCUMENT CONTAINS DATA
PROPRIETARY TO PROJECTS UNLIMITED, INC.
ANY USE OR REPRODUCTION, IN ANY FORM,
WITHOUT PRIOR WRITTEN PERMISSION OF
PROJECTS UNLIMITED, INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
53
n`0.2
165
`10
10
`2
36.8
n`0.2
31
19
BLACK (-)
RED (+)
UL1007 AWG #26


同様の部品番号 - X-5328-P-C-LW165-R

メーカー部品番号データシート部品情報
logo
PUI audio inc.
X-5328-P-C-LW165-R PUIAUDIO-X-5328-P-C-LW165-R Datasheet
182Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

同様の説明 - X-5328-P-C-LW165-R

メーカー部品番号データシート部品情報
logo
Projects Unlimited, Inc...
XL-2835-TF-FP-LW150-R PUI-XL-2835-TF-FP-LW150-R Datasheet
190Kb / 1P
   Indicator
XL-5530L-LW300-S-R PUI-XL-5530L-LW300-S-R Datasheet
276Kb / 1P
   Indicator
X-4032-TF-LW105-R PUI-X-4032-TF-LW105-R Datasheet
180Kb / 1P
   Indicator
logo
List of Unclassifed Man...
AI-1440-TWT-12V-R ETC2-AI-1440-TWT-12V-R Datasheet
243Kb / 1P
   Indicator
logo
Projects Unlimited, Inc...
X-4033-TF-LW80-R PUI-X-4033-TF-LW80-R Datasheet
181Kb / 1P
   Indicator
X-4028-P-C32-R PUI-X-4028-P-C32-R Datasheet
230Kb / 1P
   Indicator
X-4035-P-FP32-R PUI-X-4035-P-FP32-R Datasheet
231Kb / 1P
   Indicator
X-4035-TFL-LW140-R PUI-X-4035-TFL-LW140-R Datasheet
203Kb / 1P
   Indicator
XL-5530-LW300-S-R PUI-XL-5530-LW300-S-R Datasheet
277Kb / 1P
   Indicator
XL-2835-TF-LW150-R PUI-XL-2835-TF-LW150-R Datasheet
215Kb / 1P
   Indicator
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com