データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM385B-2-5 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM385B-2-5
部品情報  MICROPOWER VOLTAGE REFERENCES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM385B-2-5 データシート(HTML) 7 Page - Texas Instruments

Back Button LM385B-2-5 Datasheet HTML 3Page - Texas Instruments LM385B-2-5 Datasheet HTML 4Page - Texas Instruments LM385B-2-5 Datasheet HTML 5Page - Texas Instruments LM385B-2-5 Datasheet HTML 6Page - Texas Instruments LM385B-2-5 Datasheet HTML 7Page - Texas Instruments LM385B-2-5 Datasheet HTML 8Page - Texas Instruments LM385B-2-5 Datasheet HTML 9Page - Texas Instruments LM385B-2-5 Datasheet HTML 10Page - Texas Instruments LM385B-2-5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM2852.5, LM3852.5, LM385B2.5
MICROPOWER VOLTAGE REFERENCES
SLVS023J − JANUARY 1989 − REVISED MARCH 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
+
412
Ω†
±1%
† Adjust for 12.17 mV at 25°C across 412 Ω
2.00 k
Ω ±1%
IO ≈ 60 µA
+
3.3 k
R
LM334
V−
V+
200 k
Ω ±1%
20 k
953
±1%
Meter
Type K
LM385-2.5
500
cw
cw
Two Mercury
Cells
2.6 V
Figure 10. Thermocouple Cold-Junction Compensator
3.7 V
≤ V+ ≤ 30 V
R
V−
V+
2.74 k
2.5 V
LM385-2.5
LM334
Figure 11. Operation Over a Wide Supply Range
LM385-2.5
221 k
9 V
2.5 V
Figure 12. Reference From a 9-V Battery


同様の部品番号 - LM385B-2-5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
Analog Intergrations Co...
LM385B-2.5 AIC-LM385B-2.5 Datasheet
120Kb / 7P
   Micropower Voltage Reference
logo
Texas Instruments
LM385B-2.5 TI-LM385B-2.5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
Analog Intergrations Co...
LM385B-2.5CSBG AIC-LM385B-2.5CSBG Datasheet
120Kb / 7P
   Micropower Voltage Reference
LM385B-2.5CSTB AIC-LM385B-2.5CSTB Datasheet
120Kb / 7P
   Micropower Voltage Reference
More results

同様の説明 - LM385B-2-5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com