データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR530 データシート(PDF) 3 Page - Analog Devices

部品番号 ADR530
部品情報  High Precision Shunt Mode Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR530 データシート(HTML) 3 Page - Analog Devices

  ADR530 Datasheet HTML 1Page - Analog Devices ADR530 Datasheet HTML 2Page - Analog Devices ADR530 Datasheet HTML 3Page - Analog Devices ADR530 Datasheet HTML 4Page - Analog Devices ADR530 Datasheet HTML 5Page - Analog Devices ADR530 Datasheet HTML 6Page - Analog Devices ADR530 Datasheet HTML 7Page - Analog Devices ADR530 Datasheet HTML 8Page - Analog Devices ADR530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADR525/ADR530/ADR550
Rev. F | Page 3 of 12
SPECIFICATIONS
ADR525 ELECTRICAL CHARACTERISTICS
IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
Grade A
2.490
2.500
2.510
V
Grade B
2.495
2.500
2.505
V
Initial Accuracy
VOERR
Grade A
±0.4%
−10
+10
mV
Grade B
±0.2%
−5
+5
mV
Temperature Coefficient1
TCVO
−40°C < TA < +85°C
Grade A
25
70
ppm/°C
Grade B
15
40
ppm/°C
Output Voltage Change vs. IIN
∆VR
IIN = 0.1 mA to 15 mA
1
mV
−40°C < TA < +85°C
4
mV
IIN = 1 mA to 15 mA, −40°C < TA < +85°C
2
mV
Dynamic Output Impedance
(∆VR/∆IR)
IIN = 0.1 mA to 15 mA
0.2
Ω
Minimum Operating Current
IIN
−40°C < TA < +85°C
50
μA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
18
μV p-p
Turn-On Settling Time
tR
2
μs
Output Voltage Hysteresis
∆VOUT_HYS
IIN = 1 mA
40
ppm
1 Guaranteed by design, but not production tested.
ADR530 ELECTRICAL CHARACTERISTICS
IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
Grade A
2.988
3.000
3.012
V
Grade B
2.994
3.000
3.006
V
Initial Accuracy
VOERR
Grade A
±0.4%
−12
+12
mV
Grade B
±0.2%
−6
+6
mV
Temperature Coefficient1
TCVO
−40°C < TA < +85°C
Grade A
25
70
ppm/°C
Grade B
15
40
ppm/°C
Output Voltage Change vs. IIN
∆VR
IIN = 0.1 mA to 15 mA
1
mV
−40°C < TA < +85°C
4
mV
IIN = 1 mA to 15 mA, −40°C < TA < +85°C
2
mV
Dynamic Output Impedance
(∆VR/∆IR)
IIN = 0.1 mA to 15 mA
0.2
Ω
Minimum Operating Current
IIN
−40°C < TA < +85°C
50
μA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
22
μV p-p
Turn-On Settling Time
tR
2
μs
Output Voltage Hysteresis
∆VOUT_HYS
IIN = 1 mA
40
ppm
1 Guaranteed by design, but not production tested.


同様の部品番号 - ADR530

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR530 AD-ADR530 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR530 AD-ADR530 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530A AD-ADR530A Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530ART-R2 AD-ADR530ART-R2 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR530ART-R2 AD-ADR530ART-R2 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results

同様の説明 - ADR530

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com