データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL2245C データシート(PDF) 3 Page - Elantec Semiconductor

部品番号 EL2245C
部品情報  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELANTEC [Elantec Semiconductor]
ホームページ  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2245C データシート(HTML) 3 Page - Elantec Semiconductor

  EL2245C Datasheet HTML 1Page - Elantec Semiconductor EL2245C Datasheet HTML 2Page - Elantec Semiconductor EL2245C Datasheet HTML 3Page - Elantec Semiconductor EL2245C Datasheet HTML 4Page - Elantec Semiconductor EL2245C Datasheet HTML 5Page - Elantec Semiconductor EL2245C Datasheet HTML 6Page - Elantec Semiconductor EL2245C Datasheet HTML 7Page - Elantec Semiconductor EL2245C Datasheet HTML 8Page - Elantec Semiconductor EL2245C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
EL2245C, EL2445C
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
RIN
Input Resistance
Differential
25°C
150
k
Common-Mode
25°C
15
M
CIN
Input Capacitance
AV = +1@ 10MHz
25°C
1.0
pF
ROUT
Output Resistance
AV = +1
25°C
50
m
PSOR
Power-Supply
Operating Range
Dual-Supply
25°C
±2.0
±18.0
V
Single-Supply
25°C
2.5
36.0
V
1. Measured from TMIN to TMAX.
DC Electrical Characteristics (Continued)
VS = ±15V, RL = 1000Ω, unless otherwise specified
Parameter
Description
Condition
Temp
Min
Typ
Max
Unit
Closed-Loop AC Electrical Characteristics
VS = ±15V, AV = +2, RL = 1000Ω unless otherwise specified
Parameter
Description
Condition
Temp
Min
Typ
Max
Unit
BW
-3dB Bandwidth
(VOUT = 0.4VPP)
VS = ±15V, AV = +2
25°C
100
MHz
VS = ±15V, AV = -1
25°C
75
MHz
VS = ±15V, AV = +5
25°C
20
MHz
VS = ±15V, AV = +10
25°C
10
MHz
VS = ±15V, AV = +20
25°C
5
MHz
VS = ±5V, AV = +2
25°C
75
MHz
GBWP
Gain-Bandwidth Product
VS = ±15V
25°C
200
MHz
VS = ±5V
25°C
150
MHz
PM
Phase Margin
RL = 1 kΩ, CL = 10pF
25°C
50
°
CS
Channel Separation
f = 5MHz
25°C
85
dB
SR
Slew Rate [1]
VS = ±15V, RL = 1000Ω
25°C
200
275
V/µs
VS = ±5V, RL = 500Ω
25°C
200
V/µs
FPBW
Full-Power Bandwidth [2]
VS = ±15V
25°C
3.2
4.4
MHz
VS = ±5V
25°C
12.7
MHz
tr, tf
Rise Time, Fall Time
0.1V Step
25°C
3.0
ns
OS
Overshoot
0.1V Step
25°C
20
%
tPD
Propagation Delay
25°C
2.5
ns
ts
Settling to +0.1%
(AV = +1)
VS = ±15V, 10V Step
25°C
80
ns
VS = ±5V, 5V Step
25°C
60
ns
dG
Differential Gain [3]
NTSC/PAL
25°C
0.02
%
dP
Differential Phase [3]
NTSC/PAL
25°C
0.07
°
eN
Input Noise Voltage
10kHz
25°C
15.0
nV
√Hz
iN
Input Noise Current
10kHz
25°C
1.50
pA
√Hz
CI STAB
Load Capacitance Stability
AV = +1
25°C
Infinite
pF
1. Slew rate is measured on rising edge.
2. For VS = ±15V, VOUT = 20VPP. For VS = ±5V, VOUT = 5VPP. Full-power bandwidth is based on slew rate measurement using: FPBW = SR/(2π *
Vpeak).
3. Video Performance measured at VS = ±15V, AV = +2 with 2 times normal video level across RL = 150Ω. This corresponds to standard video levels
across a back-terminated 75
Ω load. For other values of RL, see curves.


同様の部品番号 - EL2245C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
EL2245CN INTERSIL-EL2245CN Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2245CS INTERSIL-EL2245CS Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2245CS-T13 INTERSIL-EL2245CS-T13 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2245CS-T7 INTERSIL-EL2245CS-T7 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
More results

同様の説明 - EL2245C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
   Low Cost, Gain of 2, Video Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
   DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
   Low Power Quad OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com