データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD1631J50100AHF データシート(PDF) 1 Page - Anaren Microwave

部品番号 BD1631J50100AHF
部品情報  Ultra Low Profile 0805 Balun 50! to 100! Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANAREN [Anaren Microwave]
ホームページ  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD1631J50100AHF データシート(HTML) 1 Page - Anaren Microwave

  BD1631J50100AHF Datasheet HTML 1Page - Anaren Microwave BD1631J50100AHF Datasheet HTML 2Page - Anaren Microwave BD1631J50100AHF Datasheet HTML 3Page - Anaren Microwave BD1631J50100AHF Datasheet HTML 4Page - Anaren Microwave BD1631J50100AHF Datasheet HTML 5Page - Anaren Microwave BD1631J50100AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD1631J50100AHF
Rev B
Ultra Low Profile 0805 Balun
50
to 100
Balanced
Description
The BD1631J50100AHF is a low profile sub-miniature balanced to unbalanced
transformer designed for differential inputs and output locations on next generation
wireless chipsets in an easy to use surface mount package covering 802.11b+g+n,
GSM, DCS, PCS and UMTS. The BD1631J50100AHF is ideal for high volume
manufacturing and is higher performance than traditional ceramic and lumped
element baluns. The BD1631J50100AHF has an unbalanced port impedance of
50Ω and a 100Ω balanced port impedance*. This transformation enables single
ended signals to be applied to differential ports on modern semiconductors. The
output ports have equal amplitude (-3dB) with 180 degree phase differential. The
BD1631J50100AHF is available on tape and reel for pick and place high volume
manufacturing.
Detailed Electrical Specifications*: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Min.
Typ.
Max
Unit
Frequency
2.0
2.5
1.6
3.1
GHz
Unbalanced Port Imp.
50
50
Balanced Port Imp.**
100
100
Return Loss
14
17
10
13
dB
Insertion Loss***
0.6
0.7
0.7
0.9
dB
Amplitude Balance
0.15
0.6
0.7
1.0
dB
Phase Balance
2.3
4.8
2.3
4.8
Degrees
Power Handling
2
2
Watts
Features:
• 1.6 – 3.1 GHz
• 0.7mm Height Profile
• 50 Ohm to 2 x 50 Ohm
• 802.11 b & g +n Compliant
• Low Insertion Loss
• DCS, PCS & UMTS
Compliant
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
• Halogen Free
Operating Temperature
-55
+85
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
-Dimensions are in Millimeters
2.04±0.10
1.29±0.10
0.68±0.07
1
2
3
6
5
6x
0.30
6x
0.22
4x 0.65
6x 0.98
Orientation Marker
Denotes Pin Location
4
Orientation Marker
Denotes Pin Location
TOP VIEW (Near Side)
SIDE VIEW
BOTTOM VIEW (Far Side)
5
4
2
1
6
3
Pin
Balanced Port
GND
NC
Balanced Port
GND/DC Feed
Unbalanced
Designation
2x 0.15
4x 0.37
+RF GND


同様の部品番号 - BD1631J50100AHF

メーカー部品番号データシート部品情報
logo
Anaren Microwave
BD1631J50100A00 ANAREN-BD1631J50100A00 Datasheet
300Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
More results

同様の説明 - BD1631J50100AHF

メーカー部品番号データシート部品情報
logo
Anaren Microwave
B0430J50100AHF ANAREN-B0430J50100AHF Datasheet
159Kb / 4P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
B0310J50100AHF ANAREN-B0310J50100AHF Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
BD0810J50100AHF ANAREN-BD0810J50100AHF Datasheet
195Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
BD1722J50100A00 ANAREN-BD1722J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
B0430J50100AHF ANAREN-B0430J50100AHF_14 Datasheet
319Kb / 5P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
BD2130J5050AHF ANAREN-BD2130J5050AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50! Balanced
B0322J5050AHF ANAREN-B0322J5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
B0322J5050AHF ANAREN-B0322J5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
BD0810J50100A00 ANAREN-BD0810J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD1631J50100A00 ANAREN-BD1631J50100A00 Datasheet
300Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com